Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6415TBGLZA7 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C6415TBGLZA7
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6415TBGLZA7 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6415TBGLZA7 Datasheet HTML 1Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 2Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 3Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 4Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 5Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 6Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 7Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 8Page - Texas Instruments TMS320C6415TBGLZA7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226M − NOVEMBER 2003 − REVISED APRIL 2009
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C64x
 DSPs (including the TMS320C6414T, TMS320C6415T, and TMS320C6416T devices)
are the highest-performance fixed-point DSP generation in the TMS320C6000
 DSP platform. The
TMS320C64x
 (C64x) device is based on the second-generation high-performance, advanced VelociTI
very-long-instruction-word (VLIW) architecture (VelociTI.2
) developed by Texas Instruments (TI), making
these DSPs an excellent choice for wireless infrastructure applications. The C64x
 is a code-compatible
member of the C6000
 DSP platform.
With performance of up to 8000 million instructions per second (MIPS) at a clock rate of 1 GHz, the C64x devices
offer cost-effective solutions to high-performance DSP programming challenges. The C64x DSPs possess the
operational flexibility of high-speed controllers and the numerical capability of array processors. The C64x
DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly independent
functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs)— with VelociTI.2
extensions. The VelociTI.2
 extensions in the eight functional units include new instructions to accelerate the
performance in key applications and extend the parallelism of the VelociTI
 architecture. The C64x can produce
four 16-bit multiply-accumulates (MACs) per cycle for a total of 4000 million MACs per second (MMACS), or
eight 8-bit MACs per cycle for a total of 8000 MMACS. The C64x DSP also has application-specific hardware
logic, on-chip memory, and additional on-chip peripherals similar to the other C6000
 DSP platform devices.
The C6416T device has two high-performance embedded coprocessors [Viterbi Decoder Coprocessor (VCP)
and Turbo Decoder Coprocessor (TCP)] that significantly speed up channel-decoding operations on-chip. The
VCP operating at CPU clock divided-by-4 can decode over 833 7.95-Kbps adaptive multi-rate (AMR) [K = 9,
R = 1/3] voice channels. The VCP supports constraint lengths K = 5, 6, 7, 8, and 9, rates R = 1/2, 1/3, and 1/4,
and flexible polynomials, while generating hard decisions or soft decisions. The TCP operating at CPU clock
divided-by-2 can decode up to sixty 384-Kbps or ten 2-Mbps turbo encoded channels (assuming 6 iterations).
The TCP implements the max*log-map algorithm and is designed to support all polynomials and rates required
by Third-Generation Partnership Projects (3GPP and 3GPP2), with fully programmable frame length and turbo
interleaver. Decoding parameters such as the number of iterations and stopping criteria are also programmable.
Communications between the VCP/TCP and the CPU are carried out through the EDMA controller.
The C64x uses a two-level cache-based architecture and has a powerful and diverse set of peripherals. The
Level 1 program cache (L1P) is a 128-Kbit direct mapped cache and the Level 1 data cache (L1D) is a 128-Kbit
2-way set-associative cache. The Level 2 memory/cache (L2) consists of an 8-Mbit memory space that is
shared between program and data space. L2 memory can be configured as mapped memory or combinations
of cache (up to 256K bytes) and mapped memory. The peripheral set includes three multichannel buffered serial
ports (McBSPs); an 8-bit Universal Test and Operations PHY Interface for Asynchronous Transfer Mode (ATM)
Slave [UTOPIA Slave] port [C6415T/C6416T only]; three 32-bit general-purpose timers; a user-configurable
16-bit or 32-bit host-port interface (HPI16/HPI32); a peripheral component interconnect (PCI) [C6415T/C6416T
only]; a general-purpose input/output port (GPIO) with 16 GPIO pins; and two glueless external memory
interfaces (64-bit EMIFA and 16-bit EMIFB), both of which are capable of interfacing to synchronous and
asynchronous memories and peripherals.
The C64x has a complete set of development tools which includes: an advanced C compiler with C64x-specific
enhancements, an assembly optimizer to simplify programming and scheduling, and a Windows
 debugger
interface for visibility into source code execution.
TMS320C6000, C64x, and C6000 are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
Other trademarks are the property of their respective owners.
† Throughout the remainder of this document, the TMS320C6414T, TMS320C6415T, and TMS320C6416T shall be referred to as TMS320C64x
or C64x where generic, and where specific, their individual full device part numbers will be used or abbreviated as C6414T, C6415T, or C6416T.
‡ These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). The prefix “A” in front of a signal name indicates it is an EMIFA signal
whereas a prefix “B” in front of a signal name indicates it is an EMIFB signal. Throughout the rest of this document, in generic EMIF areas of
discussion, the prefix “A” or “B” may be omitted from the signal name.


Similar Part No. - TMS320C6415TBGLZA7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6415T TI-TMS320C6415T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415T TI-TMS320C6415T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ1 TI-TMS320C6415TGLZ1 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ6 TI-TMS320C6415TGLZ6 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ7 TI-TMS320C6415TGLZ7 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6415TBGLZA7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com