Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2036D1 Datasheet(PDF) 13 Page - Texas Instruments

Part No. TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2036D1_11 Datasheet HTML 9Page - Texas Instruments TPA2036D1_11 Datasheet HTML 10Page - Texas Instruments TPA2036D1_11 Datasheet HTML 11Page - Texas Instruments TPA2036D1_11 Datasheet HTML 12Page - Texas Instruments TPA2036D1_11 Datasheet HTML 13Page - Texas Instruments TPA2036D1_11 Datasheet HTML 14Page - Texas Instruments TPA2036D1_11 Datasheet HTML 15Page - Texas Instruments TPA2036D1_11 Datasheet HTML 16Page - Texas Instruments TPA2036D1_11 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Gain 1 +
V
O
V
I1
+
2 x 150 kW
R
I1
V
V
(6)
Gain 2 +
V
O
V
I2
+
2 x 150 kW
R
I2
V
V
(7)
C
I2 +
1
2p R
I2
f
c2
(8)
C
I2 u
1
2p 150kW 20Hz
(9)
C
I2 u
53 nF
(10)
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI2
RI2
Differential
Input 1
Filter-Free Class D
SHUTDOWN
RI1
RI1
Single-Ended
Input 2
CI2
CI2
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
If summing a ring tone and a phone signal, the phone signal should use a differential input signal while the ring
tone might be limited to a single-ended signal. Phone gain is set at gain 1 = 0.1 V/V, and the ring-tone gain is set
to gain 2 = 2 V/V, the resistor values would be…
RI1 = 3 MΩ, and = RI2 = 150 kΩ.
The high pass corner frequency of the single-ended input is set by CI2. If the desired corner frequency is less
than 20 Hz...
Figure 31. Application Schematic With TPA2036D1 Summing Differential Input and Single-Ended Input
Signals
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPA2036D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn