Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2036D1 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2036D1_11 Datasheet HTML 1Page - Texas Instruments TPA2036D1_11 Datasheet HTML 2Page - Texas Instruments TPA2036D1_11 Datasheet HTML 3Page - Texas Instruments TPA2036D1_11 Datasheet HTML 4Page - Texas Instruments TPA2036D1_11 Datasheet HTML 5Page - Texas Instruments TPA2036D1_11 Datasheet HTML 6Page - Texas Instruments TPA2036D1_11 Datasheet HTML 7Page - Texas Instruments TPA2036D1_11 Datasheet HTML 8Page - Texas Instruments TPA2036D1_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TEST SET-UP FOR GRAPHS
TPA2036D1
IN+
IN-
OUT+
OUT-
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
-
1 F
+
-
VDD
Load
30kHz
LowPass
Filter
Measurement
Input
+
-
Notes:
(1)CI wasShortedforanyCommon-Modeinputvoltagemeasurement
(2) A33- Hinductorwasplacedinserieswiththeloadresistortoemulateasmallspeakerforefficiencymeasurements.
(3)The30-kHzlow-passfilterisrequiredeveniftheanalyzerhasaninternallow-passfilter. AnRClowpassfilter(100
,47nF)is
usedoneachoutputforthedatasheetgraphs.
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
FIGURE
Efficiency
vs Output power
1, 2
PD
Power dissipation
vs Output power
3, 4
Supply current
vs Output power
5, 6
I(Q)
Quiescent current
vs Supply voltage
7
I(SD)
Shutdown current
vs Shutdown voltage
8
vs Supply voltage
9
PO
Output power
vs Load resistance
10, 11
vs Output power
12, 13
THD+N
Total harmonic distortion plus noise
vs Frequency
14, 15, 16, 17
vs Common-mode input voltage
18
KSVR
Supply voltage rejection ratio
vs Frequency
19, 20, 21
vs Time
22
GSM power supply rejection
vs Frequency
23
KSVR
Supply voltage rejection ratio
vs Common-mode input voltage
24
vs Frequency
25
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
26
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2036D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn