Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2036D1 Datasheet(PDF) 20 Page - Texas Instruments

Part No. TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA2036D1_11 Datasheet HTML 16Page - Texas Instruments TPA2036D1_11 Datasheet HTML 17Page - Texas Instruments TPA2036D1_11 Datasheet HTML 18Page - Texas Instruments TPA2036D1_11 Datasheet HTML 19Page - Texas Instruments TPA2036D1_11 Datasheet HTML 20Page - Texas Instruments TPA2036D1_11 Datasheet HTML 21Page - Texas Instruments TPA2036D1_11 Datasheet HTML 22Page - Texas Instruments TPA2036D1_11 Datasheet HTML 23Page - Texas Instruments TPA2036D1_11 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
P
SPKR +
P
SUP
–P
SUP THEORETICAL
(at max output power)
(19)
P
SPKR +
P
SUP
P
OUT
P
SUP THEORETICAL
P
OUT
(at max output power)
(20)
P
SPKR +
P
OUT
1
hMEASURED *
1
hTHEORETICAL
(at max output power)
(21)
hTHEORETICAL
+
R
L
R
L )
2r
DS(on)
(at max output power)
(22)
When to Use an Output Filter
1 nF
Ferrite
Chip Bead
OUTP
OUTN
Ferrite
Chip Bead
1 nF
1
µF
1
µF
33
µH
33
µH
OUTP
OUTN
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The maximum efficiency of the TPA2036D1 with a 3.6 V supply and an 8-
Ω load is 86% from Equation 22. Using
equation Equation 21 with the efficiency at maximum power (84%), we see that there is an additional 17 mW
dissipated in the speaker. The added power dissipated in the speaker is not an issue as long as it is taken into
account when choosing the speaker.
Design the TPA2036D1 without an output filter if the traces from amplifier to speaker are short. The TPA2036D1
passed FCC and CE radiated emissions with no shielding with speaker trace wires 100 mm long or less.
Wireless handsets and PDAs are great applications for class-D without a filter.
A ferrite bead filter can often be used if the design is failing radiated emissions without an LC filter, and the
frequency sensitive circuit is greater than 1 MHz. This is good for circuits that just have to pass FCC and CE
because FCC and CE only test radiated emissions greater than 30 MHz. If choosing a ferrite bead, choose one
with high impedance at high frequencies, but very low impedance at low frequencies.
Use an LC output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker.
Figure 37 and Figure 38 show typical ferrite bead and LC output filters.
Figure 37. Typical Ferrite Chip Bead Filter (Chip bead example: TDK: MPZ1608S221A)
Figure 38. Typical LC Output Filter, Cutoff Frequency of 27 kHz
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn