Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2036D1 Datasheet(PDF) 18 Page - Texas Instruments

Part No. TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA2036D1_11 Datasheet HTML 14Page - Texas Instruments TPA2036D1_11 Datasheet HTML 15Page - Texas Instruments TPA2036D1_11 Datasheet HTML 16Page - Texas Instruments TPA2036D1_11 Datasheet HTML 17Page - Texas Instruments TPA2036D1_11 Datasheet HTML 18Page - Texas Instruments TPA2036D1_11 Datasheet HTML 19Page - Texas Instruments TPA2036D1_11 Datasheet HTML 20Page - Texas Instruments TPA2036D1_11 Datasheet HTML 21Page - Texas Instruments TPA2036D1_11 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Effect on Audio
Traditional Class-D Modulation Scheme
0 V
-5 V
+5 V
Current
OUT+
Differential Voltage
Across Load
OUT-
TPA2036D1 Modulation Scheme
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The class-D amplifier outputs a pulse-width modulated (PWM) square wave, which is the sum of the switching
waveform and the amplified input audio signal. The human ear acts as a band-pass filter such that only the
frequencies between approximately 20 Hz and 20 kHz are passed. The switching frequency components are
much greater than 20 kHz, so the only signal heard is the amplified input audio signal.
The traditional class-D modulation scheme, which is used in the TPA005Dxx family, has a differential output
where each output is 180 degrees out of phase and changes from ground to the supply voltage, VDD. Therefore,
the differential pre-filtered output varies between positive and negative VDD, where filtered 50% duty cycle yields
0 volts across the load. The traditional class-D modulation scheme with voltage and current waveforms is shown
in Figure 35. Note that even at an average of 0 volts across the load (50% duty cycle), the current to the load is
high causing a high loss and thus causing a high supply current.
Figure 35. Traditional Class-D Modulation Scheme's Output Voltage and Current Waveforms Into an
Inductive Load With no Input
The TPA2036D1 uses a modulation scheme that still has each output switching from 0 to the supply voltage.
However, OUT+ and OUT– are now in phase with each other with no input. The duty cycle of OUT+ is greater
than 50% and OUT– is less than 50% for positive voltages. The duty cycle of OUT+ is less than 50% and OUT–
is greater than 50% for negative voltages. The voltage across the load sits at 0 volts throughout most of the
switching period greatly reducing the switching current, which reduces any I2R losses in the load.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn