Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2036D1 Datasheet(PDF) 17 Page - Texas Instruments

Part No. TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA2036D1_11 Datasheet HTML 13Page - Texas Instruments TPA2036D1_11 Datasheet HTML 14Page - Texas Instruments TPA2036D1_11 Datasheet HTML 15Page - Texas Instruments TPA2036D1_11 Datasheet HTML 16Page - Texas Instruments TPA2036D1_11 Datasheet HTML 17Page - Texas Instruments TPA2036D1_11 Datasheet HTML 18Page - Texas Instruments TPA2036D1_11 Datasheet HTML 19Page - Texas Instruments TPA2036D1_11 Datasheet HTML 20Page - Texas Instruments TPA2036D1_11 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
375 mm
(+0, -25 mm)
275 mm
(+0, -25 mm)
Circular Solder Mask Opening
Paste Mask (Stencil)
= Copper Pad Size
75 mm
100 mm
100 mm
100 mm
100 mm
100 mm
75 mm
75 mm
EFFICIENCY AND THERMAL INFORMATION
q
JA
+
1
Derating Factor
+
1
0.0078
+ 128.2
°C W
(17)
T
A
Max + TJMax * qJAPDmax + 150 * 128.2 (0.4) + 98.72°C
(18)
ELIMINATING THE OUTPUT FILTER WITH THE TPA2036D1
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
Figure 34. Close Up of TPA2036D1 Land Pattern From TPA2036D1 EVM
The maximum ambient temperature depends on the heat-sinking ability of the PCB system. The derating factor
for the YZF package is shown in the dissipation rating table. Converting this to
θ
JA:
Given
θ
JA of 128.2°C/W, the maximum allowable junction temperature of 150°C, and the maximum internal
dissipation of 0.4 W (2.25 W, 4-
Ω load, 5-V supply, from Figure 3), the maximum ambient temperature can be
calculated with the following equation.
Equation 18 shows that the calculated maximum ambient temperature is 98.72°C at maximum power dissipation
with a 5-V supply and 4-
Ω a load, see Figure 3. The TPA2036D1 is designed with thermal protection that turns
the device off when the junction temperature surpasses 165°C ~ 190°C to prevent damage to the IC. Also, using
speakers more resistive than 4-
Ω dramatically increases the thermal performance by reducing the output current
and increasing the efficiency of the amplifier.
This section focuses on why the user can eliminate the output filter with the TPA2036D1.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPA2036D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn