Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA2036D1 Datasheet(PDF) 16 Page - Texas Instruments

Part No. TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA2036D1_11 Datasheet HTML 12Page - Texas Instruments TPA2036D1_11 Datasheet HTML 13Page - Texas Instruments TPA2036D1_11 Datasheet HTML 14Page - Texas Instruments TPA2036D1_11 Datasheet HTML 15Page - Texas Instruments TPA2036D1_11 Datasheet HTML 16Page - Texas Instruments TPA2036D1_11 Datasheet HTML 17Page - Texas Instruments TPA2036D1_11 Datasheet HTML 18Page - Texas Instruments TPA2036D1_11 Datasheet HTML 19Page - Texas Instruments TPA2036D1_11 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Component Location
Trace Width
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
Table 2. Land Pattern Dimensions
SOLDER PAD
SOLDER MASK
COPPER
STENCIL
STENCIL
COPPER PAD
DEFINITIONS
OPENING
THICKNESS
OPENING
THICKNESS
Nonsolder mask
275
µm
375
µm
1 oz max (32
µm)
275
µm x 275 µm Sq.
125
µm thick
defined (NSMD)
(+0.0, –25
µm)
(+0.0, –25
µm)
(rounded corners)
NOTES:
1. Circuit traces from NSMD defined PWB lands should be 75
µm to 100 µm wide in the exposed area inside
the solder mask opening. Wider trace widths reduce device stand off and impact reliability.
2. Recommend solder paste is Type 3 or Type 4.
3. Best reliability results are achieved when the PWB laminate glass transition temperature is above the
operating the range of the intended application.
4. For a PWB using a Ni/Au surface finish, the gold thickness should be less 0.5
µm to avoid a reduction in
thermal fatigue performance.
5. Solder mask thickness should be less than 20
µm on top of the copper circuit pattern.
6. Best solder stencil performance is achieved using laser cut stencils with electro polishing. Use of chemically
etched stencils results in inferior solder paste volume control.
7. Trace routing away from WCSP device should be balanced in X and Y directions to avoid unintentional
component movement due to solder wetting forces.
Place all the external components very close to the TPA2036D1. The input resistors need to be very close to the
TPA2036D1 input pins so noise does not couple on the high impedance nodes between the input resistors and
the input amplifier of the TPA2036D1. Placing the decoupling capacitor, CS, close to the TPA2036D1 is
important for the efficiency of the class-D amplifier. Any resistance or inductance in the trace between the device
and the capacitor can cause a loss in efficiency.
Recommended trace width at the solder balls is 75
µm to 100 µm to prevent solder wicking onto wider PCB
traces. Figure 34 shows the layout of the TPA2036D1 evaluation module (EVM).
For high current pins (VDD, GND VO+, and VO–) of the TPA2036D1, use 100-µm trace widths at the solder balls
and at least 500-
µm PCB traces to ensure proper performance and output power for the device.
For input pins (IN–, IN+, and SHUTDOWN) of the TPA2036D1, use 75-
µm to 100-µm trace widths at the solder
balls. IN– and IN+ pins need to run side-by-side to maximize common-mode noise cancellation. Placing input
resistors, RIN, as close to the TPA2036D1 as possible is recommended.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn