Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TLV5638MFKB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5638MFKB
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLV5638MFKB Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
–40
–50
–80
–100
100
1000
–20
–10
f – Frequency – Hz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
10000
100000
–30
–60
–70
–90
Fast Mode
Slow Mode
VDD = 5 V
Vref = 1 V dc + 1 V p/p Sinewave
Output Full Scale
–1
–4
0
1024
2048
2
3
INTEGRAL NONLINEARITY ERROR
4
3072
4096
Digital Code
1
0
–2
–3
–0.4
–1
0
1024
2048
0.6
0.8
DIFFERENTIAL NONLINEARITY ERROR
1
3072
4096
0.4
0.2
0
–0.2
–0.6
–0.8
Digital Code
TLV5638
SLAS225C – JUNE 1999 – REVISED JANUARY 2004
TYPICAL CHARACTERISTICS (continued)
Figure 10.
Figure 11.
Figure 12.
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn