Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9555101QPA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9555101QPA
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9555101QPA Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962-9555101QPA Datasheet HTML 4Page - Texas Instruments 5962-9555101QPA Datasheet HTML 5Page - Texas Instruments 5962-9555101QPA Datasheet HTML 6Page - Texas Instruments 5962-9555101QPA Datasheet HTML 7Page - Texas Instruments 5962-9555101QPA Datasheet HTML 8Page - Texas Instruments 5962-9555101QPA Datasheet HTML 9Page - Texas Instruments 5962-9555101QPA Datasheet HTML 10Page - Texas Instruments 5962-9555101QPA Datasheet HTML 11Page - Texas Instruments 5962-9555101QPA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115D − DECEMBER 1986 − REVISED JULY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
A close approximation of the input offset voltage can be obtained by using a binary search method to vary the
differential input voltage while monitoring the output state. When the applied input voltage differential is equal,
but opposite in polarity, to the input offset voltage, the output changes states.
Figure 2 illustrates a practical circuit for direct dc measurement of input offset voltage that does not bias the
comparator in the linear region. The circuit consists of a switching-mode servo loop in which U1A generates
a triangular waveform of approximately 20-mV amplitude. U1B acts as a buffer, with C2 and R4 removing any
residual dc offset. The signal is then applied to the inverting input of the comparator under test, while the
noninverting input is driven by the output of the integrator formed by U1C through the voltage divider formed
by R9 and R10. The loop reaches a stable operating point when the output of the comparator under test has
a duty cycle of exactly 50%, which can only occur when the incoming triangle wave is sliced symmetrically or
when the voltage at the noninverting input exactly equals the input offset voltage.
The voltage divider formed by R9 and R10 provides an increase in input offset voltage by a factor of 100 to
make measurement easier. The values of R5, R8, R9, and R10 can significantly influence the accuracy of the
reading; therefore, it is suggested that their tolerance level be 1% or lower.
Measuring the extremely low values of input current requires isolation from all other sources of leakage current
and compensation for the leakage of the test socket and board. With a good picoammeter, the socket and board
leakage can be measured with no device in the socket. Subsequently, this open-socket leakage value can be
subtracted from the measurement obtained with a device in the socket to obtain the actual input current of the
device.
+
DUT
VDD
+
+
+
C2
1
µF
R4
47 k
R5
1.8 k
Ω, 1%
C3
0.68
µF
U1C
1/4 TLC274CN
U1B
1/4 TLC274CN
U1A
1/4 TLC274CN
R7
1 M
R8
1.8 k
Ω, 1%
R9
10 k
Ω, 1%
R1
240 k
R2
10 k
C1
0.1
µF
R3
100 k
C4
0.1
µF
Integrator
R10
100
Ω, 1%
Buffer
Triangle
Generator
VIO
(X100)
R6
5.1 k
Figure 2. Circuit for Input Offset Voltage Measurement


Similar Part No. - 5962-9555101QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9555101QPA TI-5962-9555101QPA Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results

Similar Description - 5962-9555101QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
[Old version datasheet]   DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com