Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STY145N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STY145N65M5
Description  N-channel 650 V, 0.012typ., 138 A, MDmesh??V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY145N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STY145N65M5 Datasheet HTML 4Page - STMicroelectronics STY145N65M5 Datasheet HTML 5Page - STMicroelectronics STY145N65M5 Datasheet HTML 6Page - STMicroelectronics STY145N65M5 Datasheet HTML 7Page - STMicroelectronics STY145N65M5 Datasheet HTML 8Page - STMicroelectronics STY145N65M5 Datasheet HTML 9Page - STMicroelectronics STY145N65M5 Datasheet HTML 10Page - STMicroelectronics STY145N65M5 Datasheet HTML 11Page - STMicroelectronics STY145N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuits
STY145N65M5
8/13
Doc ID 023718 Rev 2
3
Test circuits
Figure 14.
Switching times test circuit for
resistive load
Figure 15.
Gate charge test circuit
Figure 16.
Test circuit for inductive load
switching and diode recovery times
Figure 17.
Unclamped inductive load test
circuit
Figure 18.
Unclamped inductive waveform
Figure 19.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID


Similar Part No. - STY145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY140NS10 STMICROELECTRONICS-STY140NS10 Datasheet
254Kb / 8P
   N-CHANNEL 100V - 0.009 ohm - 140A MAX247??MESH OVERLAY??POWER MOSFET
More results

Similar Description - STY145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
   N-channel 500 V, 0.019 廓 typ., 110 A, MDmesh??II Power MOSFET in a Max247 package
July 2013 Rev 3
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
   N-channel 650 V, 15 A, 0.250 廓 typ., MDmesh??II Power MOSFET in a I짼PAKFP package
December 2013 Rev 1
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
   N-channel 650 V, 0.058 廓 typ., 48 A MDmesh??DM2 Power MOSFET in a TO-247 package
September 2015 Rev 2
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
   N-channel 650 V, 0.087 廓 typ., 32 A MDmesh??M2 Power MOSFET in a TO-220FP package
February 2015 Rev 1
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
   N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
   N-channel 650 V, 0.075 廓 typ., 22.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??8x8 HV package
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com