Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL3695DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL3695DG4
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL3695DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL3695DG4 Datasheet HTML 2Page - Texas Instruments TL3695DG4 Datasheet HTML 3Page - Texas Instruments TL3695DG4 Datasheet HTML 4Page - Texas Instruments TL3695DG4 Datasheet HTML 5Page - Texas Instruments TL3695DG4 Datasheet HTML 6Page - Texas Instruments TL3695DG4 Datasheet HTML 7Page - Texas Instruments TL3695DG4 Datasheet HTML 8Page - Texas Instruments TL3695DG4 Datasheet HTML 9Page - Texas Instruments TL3695DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SYMBOL EQUIVALENTS
DATA-SHEET PARAMETER
TIA/EIA-422-B
TIA/EIA-485-A
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
|VOD3|
Vt (test termination
measurement 2)
Vtest
Vtst
Δ |VOD|
| |Vt| − |Vt| |
| |Vt| − |Vt| |
VOC
|Vos|
|Vos|
Δ |VOC|
| Vos − Vos |
| Vos − Vos |
IOS
| Isa |, | Isb |
IO
| Ixa |, | Ixb |
Iia, Iib
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
VO = 2.7 V,
IO = − 0.4 mA
0.2
V
VIT−
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
− 0.2
V
Vhys
Hysteresis voltage (VIT+−VIT−)
VOC = 0
70
mV
VIK
Enable-input clamp voltage
II = − 18 mA
− 1.5
V
V
High level output voltage
VID = 200 mV or inputs open,
24
V
VOH
High-level output voltage
VID = 200 mV or inputs open,
IOH = − 400 μA,
See Figure 6
2.4
V
V
Low level output voltage
VID = − 200 mV,
IOL = 16 mA
0.5
V
VOL
Low-level output voltage
VID = 200 mV,
See Figure 6
IOL = 8 mA
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
μA
I
Line input current
Other input = 0,
VI = 12 V
1
mA
II
Line input current
Other input = 0,
See Note 5
VI = − 7 V
− 0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
20
μA
IIL
Low-level enable-input current
VIL = 0.4 V
− 100
μA
rI
Input resistance
12
k
Ω
IOS
Short-circuit output current§
VO = 0
−15
−85
mA
I
Supply current
No load
Outputs enabled
23
50
mA
ICC
Supply current
No load
Outputs disabled
19
35
mA
All typical values are at VCC = 5 V and TA = 25°C.
The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
§ Duration of the short circuit should not exceed one second for this test.
NOTE 5: This applies for power on and power off. Refer to TIA/EIA-485-A for exact conditions.


Similar Part No. - TL3695DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3695D TI-TL3695D Datasheet
195Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - TL3695DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com