Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STWA88N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWA88N65M5
Description  N-channel 650 V, 0.024typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA88N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWA88N65M5 Datasheet HTML 3Page - STMicroelectronics STWA88N65M5 Datasheet HTML 4Page - STMicroelectronics STWA88N65M5 Datasheet HTML 5Page - STMicroelectronics STWA88N65M5 Datasheet HTML 6Page - STMicroelectronics STWA88N65M5 Datasheet HTML 7Page - STMicroelectronics STWA88N65M5 Datasheet HTML 8Page - STMicroelectronics STWA88N65M5 Datasheet HTML 9Page - STMicroelectronics STWA88N65M5 Datasheet HTML 10Page - STMicroelectronics STWA88N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID022522 Rev 4
7/15
STW88N65M5, STWA88N65M5
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Normalized VDS vs temperature
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
100000
AM10397v1
Eoss
15
10
5
0
0
100
VDS(V)
(µJ)
400
20
200 300
25
30
500
600
35
40
AM10398v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID=250µA
AM04972v1
RDS(on)
1.7
1.5
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.3
1.9
2.1
125
ID= 42 A
VGS= 10 V
AM05501v2
VSD
0
20
ISD(A)
(V)
10
50
30
40
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-50°C
TJ=150°C
TJ=25°C
AM04974v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1


Similar Part No. - STWA88N65M5

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
STWA1 ZIEHL-STWA1 Datasheet
645Kb / 2P
   Current-Relay SolarYes
STWA1 ZIEHL-STWA1 Datasheet
265Kb / 1P
   Stromwandler Typ STWA1 f체r AC Stromerkennungsrelais
logo
Vitec Power
STWA11 Vitec-STWA11 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
STWA11-S02 Vitec-STWA11-S02 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
STWA11-S02 Vitec-STWA11-S02 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
More results

Similar Description - STWA88N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 35 A, 0.067 廓 typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
May 2014 Rev 2
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
   N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
December 2013
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
   N-channel 950 V, 0.120 廓 typ., 38 A, MDmesh??DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
   N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
DS12313 - Rev 2 - July 2019
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
   N-channel 600 V, 32 m廓 typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
STW40N90K5 STMICROELECTRONICS-STW40N90K5 Datasheet
779Kb / 14P
   N-channel 900 V, 0.088 ??typ., 40 A MDmesh??K5 Power MOSFETs in TO-247 and TO-247 long leads packages
November 2016 Rev 2
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 廓 typ., 18 A MDmesh??V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
   N-channel 650 V, 36 m廓 typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
July 2020
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
   N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
May 2021 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com