Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1030CDWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1030CDWG4
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CDWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1030CDWG4 Datasheet HTML 2Page - Texas Instruments THS1030CDWG4 Datasheet HTML 3Page - Texas Instruments THS1030CDWG4 Datasheet HTML 4Page - Texas Instruments THS1030CDWG4 Datasheet HTML 5Page - Texas Instruments THS1030CDWG4 Datasheet HTML 6Page - Texas Instruments THS1030CDWG4 Datasheet HTML 7Page - Texas Instruments THS1030CDWG4 Datasheet HTML 8Page - Texas Instruments THS1030CDWG4 Datasheet HTML 9Page - Texas Instruments THS1030CDWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 30
MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
TA = Tmin to Tmax (unless otherwise noted) (continued)
clock
PARAMETER
MIN
TYP
MAX
UNIT
tc
Clock cycle
33
ns
tw(CKH)
Pulse duration, clock high
15
16.5
110
ns
tw(CKL)
Pulse duration, clock low
15
16.5
110
ns
td(o)
Clock to data valid, delay time
25
ns
td(DZ)
Output disable to Hi-Z output, disable time
20
ns
td(DEN)
Output enable to output valid, enable time
20
ns
Pipeline latency
3
Cycles
td(AP)
Aperture delay time
4
ns
Aperture uncertainty (jitter)
2
ps
power supply (See Note 7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Operating supply current
AVDD = DVDD = 3 V, MODE = AVDD
29
40
mA
PD
Power dissipation
AVDD = DVDD = 3 V
87
120
mW
PD
Power dissipation
AVDD = DVDD = 5 V
150
mW
PD(STBY)
Standby power
AVDD = DVDD = 3 V, MODE = AVDD
3
5
mW
NOTES:
7. Mode and REFSENSE are set to AVDD. The internal reference buffer is powered up to buffer the externally applied 0.5 V REFBS
and 2.5 V REFTS. 1.5 VDC is applied at AIN while converting data at 30 MSPS.


Similar Part No. - THS1030CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030SOIC TI-THS1030SOIC Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030TSSOP TI-THS1030TSSOP Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1030CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040 TI-THS1040 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
   10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
Texas Instruments
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com