Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1030IDWR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS1030IDWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030IDWR Datasheet(HTML) 2 Page - Texas Instruments

  THS1030IDWR Datasheet HTML 1Page - Texas Instruments THS1030IDWR Datasheet HTML 2Page - Texas Instruments THS1030IDWR Datasheet HTML 3Page - Texas Instruments THS1030IDWR Datasheet HTML 4Page - Texas Instruments THS1030IDWR Datasheet HTML 5Page - Texas Instruments THS1030IDWR Datasheet HTML 6Page - Texas Instruments THS1030IDWR Datasheet HTML 7Page - Texas Instruments THS1030IDWR Datasheet HTML 8Page - Texas Instruments THS1030IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
ADC
Core
Output
Buffer
10
Internal
Reference
Buffer
A
B
VBG
GND
Timing
Circuit
I/O(0−9)
OVR
OE
CLK
VREF
REFSENSE
AIN
REFTS
REFBS
MODE
REFTF
REFBF
ORG
Sample
and
Hold
STBY
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
1, 19
I
Analog ground
AIN
27
I
Analog input
AVDD
28
I
Analog supply
CLK
15
I
Clock input
DGND
14
I
Digital ground
DVDD
2
I
Digital driver supply
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
3
4
5
6
7
8
9
10
11
12
O
Digital I/O bit 0 (LSB)
Digital I/O bit 1
Digital I/O bit 2
Digital I/O bit 3
Digital I/O bit 4
Digital I/O bit 5
Digital I/O bit 6
Digital I/O bit 7
Digital I/O bit 8
Digital I/O bit 9 (MSB)
MODE
23
I
Mode input
OE
16
I
High to 3-state the data bus, low to enable the data bus
OVR
13
O
Out-of-range indicator
REFBS
25
I
Reference bottom sense
REFBF
24
I
Reference bottom decoupling
REFSENSE
18
I
Reference sense
REFTF
22
I
Reference top decoupling
REFTS
21
I
Reference top sense
STBY
17
I
High = power-down mode, low = normal operation mode
VREF
26
I/O
Internal and external reference
876M
20
I
High = THS1030 mode, low = TLC876 mode (see section 4 for TLC876 mode)


Similar Part No. - THS1030IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030SOIC TI-THS1030SOIC Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030TSSOP TI-THS1030TSSOP Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1030IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040 TI-THS1040 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
   10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
Texas Instruments
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com