Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTD3384PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTD3384PW
Description  10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTD3384PW Datasheet(HTML) 3 Page - Texas Instruments

  SN74CBTD3384PW Datasheet HTML 1Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 2Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 3Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 4Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 5Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 6Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 7Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 8Page - Texas Instruments SN74CBTD3384PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN54CBTD3384, SN74CBTD3384
10BIT FET BUS SWITCHES
WITH LEVEL SHIFTING
SCDS025R − MAY 1995 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54CBTD3384
SN74CBTD3384
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level control input voltage
2
2
V
VIL
Low-level control input voltage
0.8
0.8
V
TA
Operating free-air temperature
−55
125
−40
85
°C
In applications with fast edge rates, multiple outputs switching, and operating at high frequencies, the output may have little or no level-shifting
effect.
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54CBTD3384
SN74CBTD3384
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VOH
See Figure 2
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
1.5
1.5
mA
∆ICC‡ Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
2.5
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3
3
pF
Cio(OFF)
VO = 3 V or 0, OE = VCC
3.5
3.5
pF
VI = 0
II = 64 mA
5
5
7
ron§
VCC = 4.5 V
VI = 0
II = 30 mA
5
5
7
ron
VCC = 4.5 V
VI = 2.4 V,
II = 15 mA
35
35
50
† Typical values are at VCC = 5 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lowest voltage of the two (A or B) terminals.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54CBTD3384
SN74CBTD3384
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.25
0.25
ns
ten
OE
A or B
2.2
9.7
2.3
7
ns
tdis
OE
A or B
1.5
8.6
1.7
5.3
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CBTD3384PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3384PW TI-SN74CBTD3384PW Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
More results

Similar Description - SN74CBTD3384PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBTD3384 TI-SN54CBTD3384 Datasheet
90Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCHES WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16210DGGR TI-SN74CBTD16210DGGR Datasheet
352Kb / 12P
[Old version datasheet]   SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com