Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G14DCKTE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74AHCT1G14DCKTE4
Description  SINGLE SCHMITT-TRIGGER INVERTER GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AHCT1G14DCKTE4 Datasheet(HTML) 1 Page - Texas Instruments

  74AHCT1G14DCKTE4 Datasheet HTML 1Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 2Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 3Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 4Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 5Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 6Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 7Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 8Page - Texas Instruments 74AHCT1G14DCKTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A
Y
2
4
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
A
GND
VCC
Y
NC – No internal connection
SN74AHCT1G14
www.ti.com
SCLS322P – MARCH 1996 – REVISED JUNE 2013
SINGLE SCHMITT-TRIGGER INVERTER GATE
Check for Samples: SN74AHCT1G14
1
FEATURES
Operating Range 4.5-V to 5.5-V
Max tpd of 8 ns at 5-V
Low Power Consumption, 10-
μA Max ICC
±8-mA Output Drive at 5-V
Inputs Are TTL-Voltage Compatible
Latch-Up Performance Exceeds 250 mA Per
JESD 17
See mechanical drawings for dimensions.
DESCRIPTION
description/ordering information The SN74AHCT1G14 contains a single inverter gate. The device performs the
Boolean function Y = A.
The device functions as an independent inverter gate, but because of the Schmitt action, gates may have
different input threshold levels for positive- (VT+) and negative-going (VT–) signals.
FUNCTION TABLE
INPUTS
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74AHCT1G14DCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AHCT1G14DCKTE4 TI1-74AHCT1G14DCKTE4 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Similar Description - 74AHCT1G14DCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G14 TI1-SN74AHC1G14_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI1-SN74AHCT1G14_18 Datasheet
1Mb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_15 Datasheet
173Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14 Datasheet
191Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
U74AHC1G14 UTC-U74AHC1G14_15 Datasheet
192Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Texas Instruments
SN74AHC1G14 TI-SN74AHC1G14 Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI-SN74AHC1G14_08 Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AHC1G14 TI1-SN74AHC1G14_15 Datasheet
1Mb / 23P
[Old version datasheet]   Single Schmitt-Trigger Inverter Gate
SN74AHCT1G14 TI-SN74AHCT1G14 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_15 Datasheet
164Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com