Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B715D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # P82B715D
Description  I2C BUS EXTENDER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B715D Datasheet(HTML) 2 Page - Texas Instruments

  P82B715D Datasheet HTML 1Page - Texas Instruments P82B715D Datasheet HTML 2Page - Texas Instruments P82B715D Datasheet HTML 3Page - Texas Instruments P82B715D Datasheet HTML 4Page - Texas Instruments P82B715D Datasheet HTML 5Page - Texas Instruments P82B715D Datasheet HTML 6Page - Texas Instruments P82B715D Datasheet HTML 7Page - Texas Instruments P82B715D Datasheet HTML 8Page - Texas Instruments P82B715D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
V
CC
Lx/LDA
Ly/LCL
GND
Sy/SCL
Sx/SDA
P82B715
Buffer
Buffer
P82B715
I2C BUS EXTENDER
SCPS145A – DECEMBER 2007 – REVISED FEBRUARY 2008
In general, the I2C bus capacitance limit of 400 pF restricts practical communication distances to a few meters.
One of the advantages of the P82B715 is that it can isolate bus capacitance such that the total loading (devices,
connectors, traces and wires) of the new bus or remote I2C nodes are not apparent to other I2C buses (or
nodes). This is achieved by using one P82B715 device at each end of a long cable. The pin Lx of one P82B715
device has to be connected to Lx of the second P82B715 (similarly for Ly). This allows the total system
capacitance load to be around 3000 pF. The P82B715 uses unidirectional analog current amplification to
increase the current sink capability of I2C chips by a factor of ten and to change the 400-pF I2C bus specification
limit into a 4-nF bus wiring capacitance limit. That means longer cables or lower-cost general-purpose wiring may
be used to connect two separate I2C-based systems, without worrying about the special voltage levels
associated with other I2C bus buffers.
Multiple P82B715s can be connected together in a star or multipoint architecture by their Lx/Ly ports, without
limit, as long as the total capacitance of the system remains less than about 3000 pF (400 pF or less when
referenced to any Sx/Sy connection). In that arrangement, the master and/or slave devices are attached to the
Sx/Sy port of each P82B715. The P82B715 alone does not support voltage-level translation, but it simplifies the
application of low-cost transistors for this purpose. In normal use, the power-supply voltages at each end of the
low-impedance buffered bus line should be the same. If these differ by a significant amount, noise margin is
sacrificed.
Two or more Sx or Sy I/Os can be interconnected and are also fully compatible with bus buffers that use
voltage-level offsets (such as the PCA9515A) because it duplicates and transmits the offset voltage.
TERMINAL FUNCTIONS
D OR P
NAME
DESCRIPTION
PACKAGE NO.
1
NC
No connection
2
Lx
Buffered serial data bus or LDA
3
Sx
Serial data bus or SDA. Connect to VCC of I
2C master through a pullup resistor.
4
GND
Ground
5
NC
No connection
6
Sy
Serial clock bus or SCL. Connect to VCC of I
2C master through a pullup resistor.
7
Ly
Buffered serial clock bus or LCL
8
VCC
Supply voltage
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): P82B715


Similar Part No. - P82B715D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715D TI1-P82B715D Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
P82B715DG4 TI1-P82B715DG4 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
P82B715DR TI1-P82B715DR Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
P82B715DRG4 TI1-P82B715DRG4 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
More results

Similar Description - P82B715D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
   2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com