Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2705EA/250 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2705EA/250
Description  Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2705EA/250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2705EA/250 Datasheet HTML 4Page - Texas Instruments OPA2705EA/250 Datasheet HTML 5Page - Texas Instruments OPA2705EA/250 Datasheet HTML 6Page - Texas Instruments OPA2705EA/250 Datasheet HTML 7Page - Texas Instruments OPA2705EA/250 Datasheet HTML 8Page - Texas Instruments OPA2705EA/250 Datasheet HTML 9Page - Texas Instruments OPA2705EA/250 Datasheet HTML 10Page - Texas Instruments OPA2705EA/250 Datasheet HTML 11Page - Texas Instruments OPA2705EA/250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OPA705, 2705, 4705
8
SBOS182A
APPLICATIONS INFORMATION
OPA705 series op amps can operate on 160
µA quiescent
current from a single (or split) supply in the range of 4V to
12V (
±2V to ±6V), making them highly versatile and easy
to use. The OPA705 is unity-gain stable and offers 1MHz
bandwidth and 0.6V/
µs slew rate.
Rail-to-rail input and output swing helps maintain dynamic
range, especially in low supply applications. Figure 1 shows
the input and output waveforms for the OPA705 in unity-
gain configuration. Operation is from a
±5V supply with a
100k
Ω load connected to V
S/ 2. The input is a 10Vp-p
sinusoid. Output voltage is approximately 10Vp-p.
Power-supply pins should be bypassed with 1000pF ceramic
capacitors in parallel with 1
µF tantalum capacitors.
OPERATING VOLTAGE
OPA705 series op amps are fully specified and guaranteed
from +4V to +12V over a temperature range of –40ºC to
+85ºC. Parameters that vary significantly with operating volt-
ages or temperature are shown in the Typical Characteristics.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA705 series
extends 300mV beyond the supply rails at room temperature.
This is achieved with a complementary input stage—an N-
channel input differential pair in parallel with a P-channel
differential pair, as shown in Figure 2. The N-channel pair is
active for input voltages close to the positive rail, typically
(V+) – 2.0V to 300mV above the positive supply, while the P-
channel pair is on for inputs from 300mV below the negative
supply to approximately (V+) – 1.5V. There is a small
transition region, typically (V+) – 2.0V to (V+) – 1.5V, in
which both pairs are on. This 500mV transition region can
vary
±100mV with process variation. Thus, the transition
region (both stages on) can range from (V+) – 2.1V to (V+)
– 1.4V on the low end, up to (V+) – 1.9V to (V+) – 1.6V on
the high end. Within the 500mV transition region PSRR,
CMRR, offset voltage, and offset drift, and THD may vary
compared to operation outside this region.
FIGURE 2. Simplified Schematic.
FIGURE 1. Rail-to-Rail Input and Output.
Input
Output (inverted on scope)
G = +1, V
S = ±5V
200
µs/div
V
O
V–
V+
V
IN+
V
IN


Similar Part No. - OPA2705EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2705EA/250 BURR-BROWN-OPA2705EA/250 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2705EA/250 TI1-OPA2705EA/250 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2705EA/250G4 TI1-OPA2705EA/250G4 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2705EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com