Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA549 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA549
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA549 Datasheet(HTML) 4 Page - Texas Instruments

  OPA549_12 Datasheet HTML 1Page - Texas Instruments OPA549_12 Datasheet HTML 2Page - Texas Instruments OPA549_12 Datasheet HTML 3Page - Texas Instruments OPA549_12 Datasheet HTML 4Page - Texas Instruments OPA549_12 Datasheet HTML 5Page - Texas Instruments OPA549_12 Datasheet HTML 6Page - Texas Instruments OPA549_12 Datasheet HTML 7Page - Texas Instruments OPA549_12 Datasheet HTML 8Page - Texas Instruments OPA549_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA549
SBOS093E
4
www.ti.com
TYPICAL CHARACTERISTICS
At TCASE = +25°C, VS = ±30V, and E/S pin open, unless otherwise noted.
–60
–40
–20
0
20
40
60
80
140
120
100
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
Temperature (
°C)
INPUT BIAS CURRENT vs TEMPERATURE
–I
B
+I
B
–30
–20
–10
0
102030
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
–0
Common-Mode Voltage (V)
INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
1
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE
vs FREQUENCY
0
5
10
15
20
25
30
9
8
7
6
5
4
3
2
1
0
Supply Voltage (V)
CURRENT LIMIT vs SUPPLY VOLTAGE
+I
LIM, 5A
–I
LIM, 5A
+I
LIM, 2A
–I
LIM, 2A
+I
LIM, 8A
–I
LIM, 8A
–75
–50
–25
0
25
50
75
100
125
30
25
20
15
10
5
0
Temperature (
°C)
QUIESCENT CURRENT vs TEMPERATURE
V
S = ±30V
V
S = ±5V
I
Q Shutdown (output disabled)
–75
–50
–25
0
25
50
75
100
125
9
8
7
6
5
4
3
2
1
0
Temperature (
°C)
CURRENT LIMIT vs TEMPERATURE
5A
2A
8A


Similar Part No. - OPA549_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA549-HIREL TI1-OPA549-HIREL Datasheet
503Kb / 23P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT OPERATIONAL AMPLIFIER
OPA549MKVC TI1-OPA549MKVC Datasheet
503Kb / 23P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549T BURR-BROWN-OPA549T Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA549_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com