Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU-6050 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # MPU-6050
Description  MotionTracking??devices
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPU-6050 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button MPU-6050 Datasheet HTML 20Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 21Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 22Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 23Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 24Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 25Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 26Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 27Page - List of Unclassifed Manufacturers MPU-6050 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
MPU-6000/MPU-6050 Product Specification
Document Number: PS-MPU-6000A-00
Revision: 3.3
Release Date: 5/16/2012
24 of 54
7.5
Block Diagram
CLOCK
MPU-60X0
Charge
Pump
(/CS)
AD0 / (SDO)
SCL / (SCLK)
SDA / (SDI)
Temp Sensor
ADC
ADC
Z Gyro
ADC
Y Gyro
Digital Motion
Processor
(DMP)
FSYNC
22
1
8
9
23
24
11
Slave I2C and
SPI Serial
Interface
Master I2C
Serial
Interface
Clock
CPOUT
Serial
Interface
Bypass
Mux
7
6
AUX_CL
AUX_DA
INT
12
20
Factory
Calibration
Interrupt
Status
Register
VDD
Bias & LDO
GND
REGOUT
13
18
10
Note:
Pin names in round brackets ( ) apply only to MPU-6000
Pin names in square brackets [ ] apply only to MPU-6050
Z Accel
Y Accel
X Accel
ADC
ADC
ADC
CLKIN
CLKOUT
ADC
X Gyro
FIFO
Config
Registers
Sensor
Registers
Self
test
[VLOGIC]
8
Self
test
Self
test
Self
test
Self
test
Self
test
7.6
Overview
The MPU-60X0 is comprised of the following key blocks and functions:
Three-axis MEMS rate gyroscope sensor with 16-bit ADCs and signal conditioning
Three-axis MEMS accelerometer sensor with 16-bit ADCs and signal conditioning
Digital Motion Processor (DMP) engine
Primary I
2C and SPI (MPU-6000 only) serial communications interfaces
Auxiliary I
2C serial interface for 3rd party magnetometer & other sensors
Clocking
Sensor Data Registers
FIFO
Interrupts
Digital-Output Temperature Sensor
Gyroscope & Accelerometer Self-test
Bias and LDO
Charge Pump


Similar Part No. - MPU-6050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPU-6050 TDK-MPU-6050 Datasheet
905Kb / 46P
   These registers are used for gyroscope and accelerometer
More results

Similar Description - MPU-6050

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICM-20608-G TDK-ICM-20608-G Datasheet
719Kb / 35P
   MotionTracking Device
ICM-20609 TDK-ICM-20609 Datasheet
788Kb / 57P
   MotionTracking device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20648 TDK-ICM-20648 Datasheet
1Mb / 82P
   6-Axis MEMS MotionTracking Device
ICM-20948 TDK-ICM-20948 Datasheet
1Mb / 89P
   Lowest Power 9-Axis MEMS MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
   High Performance Automotive 6-Axis MotionTracking Device
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20649 TDK-ICM-20649 Datasheet
1Mb / 89P
   Wide-Range 6-Axis MEMS MotionTracking Device
ICM-20689 TDK-ICM-20689 Datasheet
767Kb / 53P
   High Performance 6-Axis MEMS MotionTracking Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com