Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040BIM3-8.2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040BIM3-8.2
Description  LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040BIM3-8.2 Datasheet(HTML) 5 Page - Texas Instruments

  LM4040BIM3-8.2 Datasheet HTML 1Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 2Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 3Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 4Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 5Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 6Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 7Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 8Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LM4040-N, LM4040Q-N
www.ti.com
SNOS633H – OCTOBER 2000 – REVISED APRIL 2013
2.0-V LM4040-N Electrical Characteristics
VR Tolerance Grades 'A' and 'B'; Temperature Grade 'I'
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A and B designate initial
Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively.
LM4040AIM3
LM4040BIM3
LM4040AIZ
LM4040BIZ
Symbol
Parameter
Conditions
Typical(1)
Units
LM4040BIM7
Limits(2)
Limits(2)
Reverse Breakdown Voltage
IR = 100 μA
2.048
V
VR
±2.0
±4.1
mV (max)
Reverse Breakdown Voltage
IR = 100 μA
Tolerance(3)
±15
±17
mV (max)
45
μA
IRMIN
Minimum Operating Current
60
60
μA (max)
65
65
μA (max)
IR = 10 mA
±20
ppm/°C
Average Reverse Breakdown
ΔVR/ΔT
Voltage Temperature
IR = 1 mA
±15
±100
±100
ppm/°C (max)
Coefficient(3)
IR = 100 μA
±15
ppm/°C
0.3
mV
IRMIN ≤ IR ≤ 1 mA
0.8
0.8
mV (max)
Reverse Breakdown Voltage
1.0
1.0
mV (max)
ΔVR/ΔIR Change with Operating
2.5
mV
Current Change(4)
1 mA
≤ IR ≤ 15 mA
6.0
6.0
mV (max)
8.0
8.0
mV (max)
0.3
Ω
IR = 1 mA, f = 120 Hz,
ZR
Reverse Dynamic Impedance
IAC = 0.1 IR
0.8
0.8
Ω (max)
IR = 100 μA
eN
Wideband Noise
35
μVrms
10 Hz
≤ f ≤ 10 kHz
t = 1000 hrs
Reverse Breakdown Voltage
ΔVR
T = 25°C ±0.1°C
120
ppm
Long Term Stability
IR = 100 μA
VHYST
Thermal Hysteresis(5)
ΔT = −40°C to +125°C
0.08
%
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(3)
The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse
Breakdown Voltage Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum
difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over-
temperature tolerance for the different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total over-temperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown
below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4040-N LM4040Q-N


Similar Part No. - LM4040BIM3-8.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040BIM3-8.2 NSC-LM4040BIM3-8.2 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040BIM3-8.2 NSC-LM4040BIM3-8.2 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040BIM3-8.2 TI1-LM4040BIM3-8.2 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040BIM3-8.2 TI1-LM4040BIM3-8.2 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4040BIM3-8.2/NOPB TI1-LM4040BIM3-8.2/NOPB Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040BIM3-8.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com