Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC384xBNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # UC384xBNG
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC384xBNG Datasheet(HTML) 5 Page - ON Semiconductor

  UC384xBNG Datasheet HTML 1Page - ON Semiconductor UC384xBNG Datasheet HTML 2Page - ON Semiconductor UC384xBNG Datasheet HTML 3Page - ON Semiconductor UC384xBNG Datasheet HTML 4Page - ON Semiconductor UC384xBNG Datasheet HTML 5Page - ON Semiconductor UC384xBNG Datasheet HTML 6Page - ON Semiconductor UC384xBNG Datasheet HTML 7Page - ON Semiconductor UC384xBNG Datasheet HTML 8Page - ON Semiconductor UC384xBNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
5
-20
10 M
10
f, FREQUENCY (Hz)
Gain
Phase
0
30
60
90
120
150
180
100
1.0 k
10 k
100 k
1.0 M
0
20
40
60
80
100
0
VO, ERROR AMP OUTPUT VOLTAGE (VO)
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
4.0
6.0
8.0
TA = -55°C
VCC = 15 V
RL ≤ 0.1 W
Figure 6. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 7. Current Sense Input Threshold
versus Error Amp Output Voltage
Figure 8. Reference Voltage Change
versus Source Current
Figure 9. Reference Short Circuit Current
versus Temperature
-16
0
Iref, REFERENCE SOURCE CURRENT (mA)
20
40
60
80
100
120
-12
-8.0
-4.0
0
50
-55
TA, AMBIENT TEMPERATURE (°C)
-25
0
25
50
75
100
125
70
90
110
-20
-24
TA = 125°C
VCC = 15 V
VO = 2.0 V to 4.0 V
RL = 100 k
TA = 25°C
VCC = 15 V
TA = 25°C
2.0 ms/DIV
2.0 ms/DIV
VCC = 12 V to 25 V
TA = 25°C
VCC = 15 V
IO = 1.0 mA to 20 mA
TA = 25°C
Figure 10. Reference Load Regulation
Figure 11. Reference Line Regulation
VCC = 15 V
TA = 125°C
TA = 25°C
TA = -55°C


Similar Part No. - UC384xBNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC384XBNG ONSEMI-UC384XBNG Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC384XBNG ONSEMI-UC384XBNG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC384XBNG ONSEMI-UC384XBNG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC384XBNG ONSEMI-UC384XBNG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC384xBNG ONSEMI-UC384xBNG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
More results

Similar Description - UC384xBNG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com