Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC384xBD1R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # UC384xBD1R2G
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC384xBD1R2G Datasheet(HTML) 2 Page - ON Semiconductor

  UC384xBD1R2G Datasheet HTML 1Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 2Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 3Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 4Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 5Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 6Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 7Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 8Page - ON Semiconductor UC384xBD1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Bias and Driver Voltages (Zero Series Impedance, see also Total Device spec) (Note 1)
VCC, VC
36
V
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 2)
IO
1.0
A
Output Energy (Capacitive Load per Cycle)
W
5.0
mJ
Current Sense and Voltage Feedback Inputs
Vin
− 0.3 to + 5.5
V
Error Amp Output Sink Current
IO
10
mA
Power Dissipation and Thermal Characteristics
D Suffix, Plastic Package, SOIC−14 Case 751A
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
D1 Suffix, Plastic Package, SOIC−8 Case 751
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
N Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
PD
RqJA
862
145
702
178
1.25
100
mW
°C/W
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
UC3844B, UC3845B
UC2844B, UC2845B
UC3844BV, UC3845BV
TA
0 to +70
−25 to +85
−40 to +105
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The voltage is clamped by a zener diode (see page 9 Under Voltage Lockout section). Therefore this voltage may be exceeded as long as
the total power supply and zener current is not exceeded.
2. Maximum package power dissipation limits must be observed.
3. This device series contains ESD protection and exceeds the following tests: Human Body Model 4000 V per JEDEC Standard
JESD22-A114B, Machine Model Method 200 V per JEDEC Standard JESD22-A115-A
4. This device contains latch-up protection and exceeds 100 mA per JEDEC Standard JESD78
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 5], RT = 10 k, CT = 3.3 nF. For typical values TA = 25°C, for min/max values
TA is the operating ambient temperature range that applies [Note 6], unless otherwise noted.)
UC284xB
UC384xB, xBV, NCV384xBV
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = 25°C)
Vref
4.95
5.0
5.05
4.9
5.0
5.1
V
Line Regulation (VCC = 12 V to 25 V)
Regline
2.0
20
2.0
20
mV
Load Regulation (IO = 1.0 mA to 20 mA)
Regload
3.0
25
3.0
25
mV
Temperature Stability
TS
0.2
0.2
mV/°C
Total Output Variation over Line, Load, & Temperature
Vref
4.9
5.1
4.82
5.18
V
Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = 25°C)
Vn
50
50
mV
Long Term Stability (TA = 125°C for 1000 Hours)
S
5.0
5.0
mV
Output Short Circuit Current
ISC
− 30
− 85
−180
− 30
− 85
−180
mA
OSCILLATOR SECTION
Frequency
TJ = 25°C
TA = Tlow to Thigh
TJ = 25°C (RT = 6.2 k, CT = 1.0 nF)
fOSC
49
48
225
52
250
55
56
275
49
48
225
52
250
55
56
275
kHz
Frequency Change with Voltage (VCC = 12 V to 25 V)
DfOSC/DV
0.2
1.0
0.2
1.0
%
Frequency Change w/ Temperature (TA = Tlow to Thigh) DfOSC/DT
1.0
0.5
%
Oscillator Voltage Swing (Peak−to−Peak)
VOSC
1.6
1.6
V
5. Adjust VCC above the Startup threshold before setting to 15 V.
6. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for UC3844B, UC3845B
Thigh =+ 70°C for UC3844B, UC3845B
= − 25°C for UC2844B, UC2845B
= + 85°C for UC2844B, UC2845B
= − 40°C for UC384xBV, NCV384xBV
=+105°C for UC3844BV, UC3845BV
= +125°C for NCV384xBV


Similar Part No. - UC384xBD1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC384XBD1R2G ONSEMI-UC384XBD1R2G Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC384XBD1R2G ONSEMI-UC384XBD1R2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC384XBD1R2G ONSEMI-UC384XBD1R2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC384XBD1R2G ONSEMI-UC384XBD1R2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC384xBD1R2G ONSEMI-UC384xBD1R2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
More results

Similar Description - UC384xBD1R2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com