Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1015AP065G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1015AP065G
Description  Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1015AP065G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1015AP065G Datasheet HTML 4Page - ON Semiconductor NCP1015AP065G Datasheet HTML 5Page - ON Semiconductor NCP1015AP065G Datasheet HTML 6Page - ON Semiconductor NCP1015AP065G Datasheet HTML 7Page - ON Semiconductor NCP1015AP065G Datasheet HTML 8Page - ON Semiconductor NCP1015AP065G Datasheet HTML 9Page - ON Semiconductor NCP1015AP065G Datasheet HTML 10Page - ON Semiconductor NCP1015AP065G Datasheet HTML 11Page - ON Semiconductor NCP1015AP065G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP1015
http://onsemi.com
8
0
2.00
4.00
6.00
8.00
Startup period
Vcc
8.5V
7.5V
Device
internally
pulses
Figure 13. The Charge/Discharge Cycle over a 10 mF VCC Capacitor
As one can see, the VCC capacitor shall be dimensioned to
offer an adequate startup time, i.e. ensure regulation is
reached before VCC crosses 7.5 V (otherwise the part enters
the fault condition mode). If we know that
DV = 1 V and
ICC1 is 1.2 mA (for instance we selected a 11
W device
switching at 65 kHz), then the VCC capacitor can be
calculated using:
C w
ICC1 @ tstartup
DV
(eq. 1)
Let’s suppose that the SMPS needs 10 ms to startup, then
we will calculate C to offer a 15 ms period. As a result, C
should be greater than 18
mF thus the selection of a 33 mF /
16 V capacitor is appropriate.
Short Circuit Protection
The internal protection circuitry involves a patented
arrangement that permanently monitors the assertion of an
internal error flag. This error flag is, in fact, a signal that
instructs the controller that the internal maximum peak
current limit is reached. This naturally occurs during the
startup period (Vout is not stabilized to the target value) or
when the optocoupler LED is no longer biased, e.g in a
short−circuit condition or when the feedback network is
broken. When the DSS normally operates, the logic checks
for the presence of the error flag every time VCC crosses
VCC(on). If the error flag is low (peak limit not active) then
the IC works normally. If the error signal is active, then the
NCP1015 immediately stops the output pulses, reduces its
internal current consumption and does not allow the startup
source to activate: VCC drops toward ground until it reaches
the so−called latch−off level, where the current source
activates again to attempt a new re−start. If the error has
gone, the IC automatically resumes its operation. If the
default is still there, the IC pulses during 8.5 V down to 7.5 V
and enters a new latch−off phase. The resulting burst
operation guarantees a low average power dissipation and
lets the SMPS sustain a permanent short−circuit. Figure 14
presents the corresponding diagram:
Figure 14. Simplified NCP1015 Short−Circuit
Detection Circuitry
+
4 V
FB
Division
Max
Ip
Flag
VCC
VCC(on)
To
Latch
Reset
Current Sense
Information
Clamp
Active?
The protection burst duty−cycle can easily be computed
through the various timing events as portrayed by Figure 15:


Similar Part No. - NCP1015AP065G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
More results

Similar Description - NCP1015AP065G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com