Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1015AP065G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1015AP065G
Description  Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1015AP065G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1015AP065G Datasheet HTML 3Page - ON Semiconductor NCP1015AP065G Datasheet HTML 4Page - ON Semiconductor NCP1015AP065G Datasheet HTML 5Page - ON Semiconductor NCP1015AP065G Datasheet HTML 6Page - ON Semiconductor NCP1015AP065G Datasheet HTML 7Page - ON Semiconductor NCP1015AP065G Datasheet HTML 8Page - ON Semiconductor NCP1015AP065G Datasheet HTML 9Page - ON Semiconductor NCP1015AP065G Datasheet HTML 10Page - ON Semiconductor NCP1015AP065G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCP1015
http://onsemi.com
7
APPLICATION INFORMATION
Introduction
The NCP1015 offers a complete current−mode control
solution (actually an enhanced NCP1200 controller section)
together with a high−voltage power MOSFET in a
monolithic structure. The component integrates everything
needed to build a rugged and low−cost Switch−Mode Power
Supply (SMPS) featuring low standby power. The quick
selection table details the differences in operating
frequency.
No need for an auxiliary winding: ON Semiconductor
Very High Voltage Integrated Circuit technology lets
you supply the IC directly from the high−voltage dc
rail. We call it Dynamic Self−Supply (DSS). This
solution simplifies the transformer design and ensures a
better control of the SMPS in difficult output
conditions, e.g. constant current operations. However,
for improved standby performance, an auxiliary
winding can be connected to the VCC pin to disable the
DSS operation.
Short−circuit protection: by permanently monitoring
the feedback line activity, the IC is able to detect the
presence short−circuit, immediately reducing the output
power for a total system protection. Once the short has
disappeared, the controller resumes and goes back to
normal operation.
Low standby−power: If SMPS naturally exhibit a good
efficiency at nominal load, they begin to be less
efficient when the output power demand diminishes. By
skipping un−needed switching cycles, the NCP1015
drastically reduces the power wasted during light load
conditions. An auxiliary winding can further help
decreasing the standby power to extremely low levels
by invalidating the DSS operation. Typical
measurements show results below 80 mW @ 230 Vac
for a typical 7 W universal power supply.
No acoustic noise while operating: Instead of skipping
cycles at high peak currents, the NCP1015 waits until
the peak current demand falls below a fixed 0.25 of the
maximum limit. As a result, cycle skipping can take
place without having a singing transformer. You can
thus select cheap magnetic components free of noise
problems.
SPICE model: a dedicated model to run transient
cycle−by−cycle simulations is available but also an
averaged version to help you closing the loop.
Ready−to−use templates can be downloaded in
OrCAD’s PSpice, and INTUSOFT’s IsSpice4 from ON
Semiconductor web site, NCP1015 related section.
Dynamic Self−Supply
When the power supply is first powered from the mains
outlet, the internal current source (typically 8 mA) is biased
and charges up the VCC capacitor from the drain pin. Once
the voltage on this VCC capacitor reaches the VCC(off) level
(typically 8.5 V), the current source turns off and pulses are
delivered by the output stage: the circuit is awake and
activates the power MOSFET. Figure 12 details the internal
circuitry:
Figure 12. The Current Source Regulates VCC
by Introducing a Ripple
Vref OFF = 8.5 V
Vref ON = 7.5 V
VrefLatch = 4.7 V
-
+
Internal Supply
+
Vref
VCC(off)
+200 mV
(8.7 V Typ.)
VCC
+
CVCC
Startup Source
Drain
Being loaded by the circuit consumption, the voltage on
the VCC capacitor goes down. When the DSS controller
detects that VCC has reached 7.5 V (VCC(on)), it activates the
internal current source to bring VCC toward 8.5 V and stops
again: a cycle takes place whose low frequency depends on
the VCC capacitor and the IC consumption. A 1 V ripple
takes place on the VCC pin whose average value equals
(VCC(off) + VCC(on)) / 2. Figure 13 shows a typical operation
of the DSS.


Similar Part No. - NCP1015AP065G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
More results

Similar Description - NCP1015AP065G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com