Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4671DSN06T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4671DSN06T1G
Description  400 mA, Dual Rail Ultra Low Dropout Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4671DSN06T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4671DSN06T1G Datasheet HTML 2Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 3Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 4Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 5Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 6Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 7Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 8Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 9Page - ON Semiconductor NCP4671DSN06T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCP4671
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
100 200 300 400 500 600 700 800 900 1000
Figure 9. Output Voltage vs. Output Current
1.5 V Version (TA = 255C)
IOUT, OUTPUT CURRENT (mA)
VBIAS = 3.10 V
VIN = 1.76 V
2.00 V
3.10 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
100 200 300 400 500 600 700 800 900 1000
Figure 10. Output Voltage vs. Output Current
1.5 V Version (TA = 255C)
IOUT, OUTPUT CURRENT (mA)
VBIAS = 3.60 V
VIN = 1.72 V
2.00 V
3.60 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
100 200 300 400 500 600 700 800 900 1000
Figure 11. Output Voltage vs. Output Current
1.5 V Version (TA = 255C)
IOUT, OUTPUT CURRENT (mA)
VBIAS = 5.25 V
VIN = 1.76 V
2.00 V
5.25 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
23
45
Figure 12. Output Voltage vs. Input Voltage
0.6 V Version (TA = 255C)
VIN, INPUT VOLTAGE (V)
VBIAS = 2.4 V
IOUT = 1 mA
30 mA
50 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
123
45
IOUT = 1 mA
30 mA
50 mA
Figure 13. Output Voltage vs. Input Voltage
0.6 V Version (TA = 255C)
VIN, INPUT VOLTAGE (V)
VBIAS = 3.6 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
234
5
IOUT = 1 mA
30 mA
50 mA
Figure 14. Output Voltage vs. Input Voltage
0.6 V Version (TA = 255C)
VIN, INPUT VOLTAGE (V)
VBIAS = 5.25 V


Similar Part No. - NCP4671DSN06T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4671DSN06T1G ONSEMI-NCP4671DSN06T1G Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
More results

Similar Description - NCP4671DSN06T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4671 ONSEMI-NCP4671 Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS7A15 TI1-TPS7A15_V01 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
TPS7A15 TI-TPS7A15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
JUNE 2022
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com