Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5010ASDX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5010ASDX
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010ASDX Datasheet(HTML) 1 Page - Texas Instruments

  LM5010ASDX Datasheet HTML 1Page - Texas Instruments LM5010ASDX Datasheet HTML 2Page - Texas Instruments LM5010ASDX Datasheet HTML 3Page - Texas Instruments LM5010ASDX Datasheet HTML 4Page - Texas Instruments LM5010ASDX Datasheet HTML 5Page - Texas Instruments LM5010ASDX Datasheet HTML 6Page - Texas Instruments LM5010ASDX Datasheet HTML 7Page - Texas Instruments LM5010ASDX Datasheet HTML 8Page - Texas Instruments LM5010ASDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VIN
SW
BST
LM5010A
VCC
SS
RON/SD
6V - 75V
Input
C1
RON
R2
R1
C2
VOUT
L1
C3
C4
D1
C6
RTN
ISEN
SGND
FB
SHUTDOWN
R3
LM5010A
LM5010A-Q1
www.ti.com
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
High-Voltage 1-A Step-Down Switching Regulator
Check for Samples: LM5010A, LM5010A-Q1
1
FEATURES
APPLICATIONS
2
Wide 6V to 75V Input Voltage Range
Non-Isolated Telecommunications Regulator
Valley Current Limiting At 1.25A
Secondary Side Post Regulator
Programmable Switching Frequency Up To 1
Automotive Electronics
MHz
DESCRIPTION
Integrated 80V N-Channel Buck Switch
The LM5010A Step-Down Switching Regulator is an
Integrated High Voltage Bias Regulator
enhanced version of the LM5010 with the input
No Loop Compensation Required
operating range extended to 6V minimum. The
Ultra-Fast Transient Response
LM5010A features all the functions needed to
implement a low cost, efficient, buck regulator
Nearly Constant Operating Frequency With
capable of supplying in excess of 1A load current.
Line and Load Variations
This high voltage regulator integrates an N-Channel
Adjustable Output Voltage
Buck Switch, and is available in thermally enhanced
2.5V, ±2% Feedback Reference
WSON-10 and HTSSOP-14 packages. The constant
on-time
regulation
scheme
requires
no
loop
Programmable Soft-Start
compensation
resulting
in
fast
load
transient
Thermal Shutdown
response and simplified circuit implementation. The
LM5010AQ is AEC-Q100 Grade 1 and 0
operating frequency remains constant with line and
qualified
load
variations
due
to
the
inverse
relationship
between the input voltage and the on-time. The valley
Packages
current limit detection is set at 1.25A. Additional
WSON-10 (4 mm x 4 mm)
features include: VCC under-voltage lock-out, thermal
HTSSOP-14
shutdown, gate drive under-voltage lock-out, and
maximum duty cycle limiter.
Both Packages Have Exposed Thermal Pad
For Improved Heat Dissipation
Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5010ASDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010ASDX NSC-LM5010ASDX Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
More results

Similar Description - LM5010ASDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com