Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5642MTC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5642MTC
Description  LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5642MTC Datasheet(HTML) 4 Page - Texas Instruments

  LM5642MTC Datasheet HTML 1Page - Texas Instruments LM5642MTC Datasheet HTML 2Page - Texas Instruments LM5642MTC Datasheet HTML 3Page - Texas Instruments LM5642MTC Datasheet HTML 4Page - Texas Instruments LM5642MTC Datasheet HTML 5Page - Texas Instruments LM5642MTC Datasheet HTML 6Page - Texas Instruments LM5642MTC Datasheet HTML 7Page - Texas Instruments LM5642MTC Datasheet HTML 8Page - Texas Instruments LM5642MTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM5642, LM5642X
SNVS219K – JUNE 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Voltages from the indicated pins to SGND/PGND:
VIN, ILIM1, ILIM2, KS1, KS2
−0.3V to 38V
SW1, SW2, RSNS1, RSNS2
−0.3 to (VIN + 0.3)V
FB1, FB2, VDD1, VDD2
−0.3V to 6V
SYNC, COMP1, COMP2, UV Delay
−0.3V to (VLIN5 +0.3)V
ON/SS1, ON/SS2 (3)
−0.3V to (VLIN5 +0.6)V
CBOOT1, CBOOT2
43V
CBOOT1 to SW1, CBOOT2 to SW2
−0.3V to 7V
LDRV1, LDRV2
−0.3V to (VDD+0.3)V
HDRV1 to SW1, HDRV2 to SW2
−0.3V
HDRV1 to CBOOT1, HDRV2 to CBOOT2
+0.3V
Power Dissipation (TA = 25°C)
(4)
TSSOP
1.1W
HTSSOP
3.4W
Ambient Storage Temp. Range
−65°C to +150°C
Soldering Dwell Time, Temp.(5)
Wave
4 sec, 260°C
Infrared
10sec, 240°C
Vapor Phase
75sec, 219°C
ESD Rating (6)
2kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
ON/SS1 and ON/SS2 are internally pulled up to one diode drop above VLIN5. Do not apply an external pull-up voltage to these pins. It
may cause damage to the IC.
(4)
The maximum allowable power dissipation is calculated by using PDMAX = (TJMAX - TA)/θJA, where TJMAX is the maximum junction
temperature, TA is the ambient temperature and θJA is the junction-to-ambient thermal resistance of the specified package. The power
dissipation ratings results from using 125°C, 25°C, and 90.6°C/W for TJMAX, TA, and θJA respectively. A θJA of 90.6°C/W represents the
worst-case condition of no heat sinking of the 28-pin TSSOP. The HTSSOP package has a
θJA of 29°C/W. The HTSSOP package
thermal ratings results from the IC being mounted on a 4 layer JEDEC standard board using the same temperature conditions as the
TSSOP package above. A thermal shutdown will occur if the temperature exceeds the maximum junction temperature of the device.
(5)
See http://www.ti.com for other methods of soldering plastic small-outline packages.
(6)
For testing purposes, ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5 k
Ω resistor.
OPERATING RATINGS
(1)
VIN (VLIN5 tied to VIN)
4.5V to 5.5V
VIN (VIN and VLIN5 separate)
5.5V to 36V
Junction Temperature
−40°C to +125°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM5642 LM5642X


Similar Part No. - LM5642MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642MTC NSC-LM5642MTC Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MTC NSC-LM5642MTC Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MTCX NSC-LM5642MTCX Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Similar Description - LM5642MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI1-LM5642_14 Datasheet
1Mb / 40P
[Old version datasheet]   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com