Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5069MM-2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5069MM-2
Description  LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5069MM-2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5069MM-2 Datasheet HTML 3Page - Texas Instruments LM5069MM-2 Datasheet HTML 4Page - Texas Instruments LM5069MM-2 Datasheet HTML 5Page - Texas Instruments LM5069MM-2 Datasheet HTML 6Page - Texas Instruments LM5069MM-2 Datasheet HTML 7Page - Texas Instruments LM5069MM-2 Datasheet HTML 8Page - Texas Instruments LM5069MM-2 Datasheet HTML 9Page - Texas Instruments LM5069MM-2 Datasheet HTML 10Page - Texas Instruments LM5069MM-2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
-40
-20
0
20
40
60
80
100 125
JUNCTION TEMPERATURE (°C)
15.6
15.8
16.0
16.2
16.4
GATE-OUT = 5V
-40
-20
0
20
40
60
80
100 125
JUNCTION TEMPERATURE (°C)
50
70
90
100
110
130
150
GATE PIN = 5V
-40
-20
0
20
40
60
80
100 125
JUNCTION TEMPERATURE (
oC)
23
24
25
26
27
RPWR = 150 k:
VDS = 48V
VDS = 48V
-40
-20
0
20
40
60
80
100 125
JUNCTION TEMPERATURE (
oC)
GATE-OUT Voltage,
Normal Operation
11.0
11.5
12.0
12.5
13.0
-40
-20
0
20
40
60
80
100 125
JUNCTION TEMPERATURE (
oC)
53
54
55
56
57
-40
-20
0
20
40
60
80
100 125
JUNCTION TEMPERATURE (
oC)
85
90
95
100
105
110
115
LM5069
www.ti.com
SNVS452D – SEPTEMBER 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 48V
Current Limit Threshold
Circuit Breaker Threshold
vs.
vs.
Temperature
Temperature
Figure 15.
Figure 16.
Power Limit Threshold
GATE Output Voltage
vs.
vs.
Temperature
Temperature
Figure 17.
Figure 18.
GATE Source Current
GATE Pull-Down Current, Circuit Breaker
vs.
vs.
Temperature
Temperature
Figure 19.
Figure 20.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5069


Similar Part No. - LM5069MM-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069MM-2 NSC-LM5069MM-2 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results

Similar Description - LM5069MM-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com