Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3404 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3404
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3404_13 Datasheet HTML 2Page - Texas Instruments LM3404_13 Datasheet HTML 3Page - Texas Instruments LM3404_13 Datasheet HTML 4Page - Texas Instruments LM3404_13 Datasheet HTML 5Page - Texas Instruments LM3404_13 Datasheet HTML 6Page - Texas Instruments LM3404_13 Datasheet HTML 7Page - Texas Instruments LM3404_13 Datasheet HTML 8Page - Texas Instruments LM3404_13 Datasheet HTML 9Page - Texas Instruments LM3404_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LM3404, LM3404HV
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
LM3404/LM3404HV
(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MOSFET AND DRIVER
RDS-ON
Buck Switch On Resistance
ISW = 200mA, BST-SW = 6.3V
0.37
0.75
VDR-UVLO
BST Under-voltage Lock-out Threshold
BST–SW Increasing
1.7
3
4
V
VDR-HYS
BST Under-voltage Lock-out Hysteresis
BST–SW Decreasing
400
mV
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
TSD-HYS
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
SOIC-8 Package
155
θJA
Junction to Ambient
°C/W
So PowerPAD-8 Package (2)
50
(2)
θJA of 50°C/W with DAP soldered to a minimum of 2 square inches of 1oz. copper on the top or bottom PCB layer.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3404 LM3404HV


Similar Part No. - LM3404_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3404 NSC-LM3404_1 Datasheet
417Kb / 6P
   Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
logo
Texas Instruments
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3404_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404_07 Datasheet
547Kb / 24P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3404 TI1-LM3404 Datasheet
574Kb / 30P
[Old version datasheet]   LM3404/04HV 1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com