Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574HVMX-15 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2574HVMX-15
Description  LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVMX-15 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2574HVMX-15 Datasheet HTML 7Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 8Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 9Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 10Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 11Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 12Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 13Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 14Page - Texas Instruments LM2574HVMX-15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LM2574, LM2574HV
www.ti.com
SNVS104C – JUNE 1999 – REVISED APRIL 2013
Block Diagram
R1 = 1k
3.3V, R2 = 1.7k
5V, R2 = 3.1k
12V, R2 = 8.84k
15V, R2 = 11.3k
For Adj. Version
R1 = Open, R2 = 0
Ω
Note: Pin numbers are for the 8-pin PDIP package.
Figure 22.
Test Circuit and Layout Guidelines
CIN — 22 μF, 75V
Aluminum Electrolytic
COUT — 220 μF, 25V
Aluminum Electrolytic
D1 — Schottky, 11DQ06
L1 — 330
μH, 52627
(for 5V in, 3.3V out, use
100
μH, RL-1284-100)
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Figure 23. Fixed Output Voltage Versions
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2574 LM2574HV


Similar Part No. - LM2574HVMX-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574HVMX-15/NOPB TI1-LM2574HVMX-15/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVMX-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com