Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE015D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE015D
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 7 page
background image
DZ5 Cable Ends
Ordering Information
© 1998 Square D All Rights Reserved
8
09/98
Marking Accessories for Cables and Cable Ends With Marker Attachment
Description
Sold in
lots of
Catalog Number
Weight per lot
in kg (lb)
Adjustable collar type marker holder
for 14 to 2 AWG cables
100
AR1SC01
0.100 (0.221)
Clip-on marker tag a
for cables 1 to 1.5 mm2
100
AR1SC02
0.100 (0.221)
Clip-in marker tag a
for cable ends with holder
100
AR1SC03
0.100 (0.221)
Wallets of 200 markers
for DZ5-CA cable ends
and clip-on marker tags l
Letters c
1 set
AR1MB01
0.310 (0.683)
1 card
AR1MB01 p
0.010 (0.022)
Numbers f
1 set
AR1MA01
0.150 (0.331)
1 card
AR1MA01 e
0.010 (0.022)
Markers
conforming to NF C 93-011
color coding
200
AR1MC01 s
0.010 (0.022)
a
For rapid clip-on mounting of up to 7 AR1M••• markers.
c
A to Z (200 of each).
f
0 to 9 (200 of each).
l
Each set also includes 400 earth markers (200 Green and 200 Yellow), 200 “+” symbols, 200 “-” symbols and a marker positioning
tool.
p
Complete the catalog number with the required letter. A card of 200 yellow markers with black letters is provided.
e
Complete the catalog number with the required number. A card of 200 yellow markers with black numbers is provided.
s
Complete the catalog number by indicating the color required:
Number
1234567890
Marker Color
Brown
Red
Orange Yellow
Green
Blue
Violet
Grey
White
Black
Number Color
White
Black
Black
Black
Black
Black
Black
Black
Black
White
AR1SC01
AR1SC02
AR1SC03
AR1MA01, AR1MB01
AR1MC01•




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl