Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE007D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE007D
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
DZ5 Cable Ends
Packaging
© 1998 Square D All Rights Reserved
4
09/98
3 Packaging Choices
Strip of 10 tear-off bags
for sizes
≥ 0.25 mm2 to ≤ 4 mm2
Individual Bag of 20 or 100 Cable Ends
for sizes 6 mm2 to 50 mm2
Dispensing packs of 200, 100 or 50 Cable Ends
• for sizes 0.5 mm2 to 2.5 mm2 (single conductor cable ends)
• for sizes 2 x 0.7 mm2 to 2 x 2.5 mm2 (twin conductor cable ends)
Dispensing packs are boxed in specially designed cartons, with each carton containing 5 packs.
This packaging method simplifies use by:
• Avoiding mixing different sized cable ends
• Using colored packs which match the color-coded sleeves of the enclosed cable ends
• Allowing regulated distribution (A) and quick restorage of unused cable ends (C)
• Incorporating a catchment tray for the released cable ends (B)
Gently squeeze the sides of the insulated cable end dispensing packs (3) for a regulated supply of cable
ends into a catchment tray (4). The flow stops as the sides of the pack are released. To facilitate storage,
the dispensing packs are boxed in lots of 5 in a self-feeding carton (1) with a special cut-out in the base
for removing the dispensing packs. An inspection window (2) above the feeder cut-out enables instant
verification of the number of dispensing packs remaining in the carton. The color of the dispensing pack
matches the insulated sleeve color coding of the enclosed Telemecanique cable ends. Selection of the
correct size cable ends (see pages 5 and 7 for color codes) is therefore very quick and simple.
A
C
B
1 Carton
2 Inspection
Window
3 Dispensing
Pack
4 Catchment
Tray




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl