Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2594
Description  LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2594 Datasheet HTML 10Page - Texas Instruments LM2594 Datasheet HTML 11Page - Texas Instruments LM2594 Datasheet HTML 12Page - Texas Instruments LM2594 Datasheet HTML 13Page - Texas Instruments LM2594 Datasheet HTML 14Page - Texas Instruments LM2594 Datasheet HTML 15Page - Texas Instruments LM2594 Datasheet HTML 16Page - Texas Instruments LM2594 Datasheet HTML 17Page - Texas Instruments LM2594 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
LM2594, LM2594HV
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
www.ti.com
Table 3. LM2594/LM2594HV Series Buck Regulator Design Procedure (Adjustable Output) (continued)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt microsecond constant E • T (V •
μs) , A. Calculate the inductor Volt • microsecond constant (E • T) ,
from the following formula:
(4)
where VSAT = internal switch saturation voltage = 0.9V
(5)
and VD = diode forward voltage drop = 0.5V
B. E • T = 35.2 (V •
μs)
B. Use the E • T value from the previous formula and match it with C. I
LOAD(max) = 0.5A
the E • T number on the vertical axis of the Inductor Value Selection
D. From the inductor value selection guide shown in Figure 24, the
Guide shown in Figure 24.
inductance region intersected by the 35 (V •
μs) horizontal line and
C. on the horizontal axis, select the maximum load current.
the 0.5A vertical line is 150
μH, and the inductor code is L19.
D. Identify the inductance region intersected by the E • T value and E. From Table 5, locate line L19, and select an inductor part number
the Maximum Load Current value. Each region is identified by an from the list of manufacturers part numbers.
inductance value and an inductor code (LXX).
E. Select an appropriate inductor from the four manufacturer's part
numbers listed in Table 5.
3. Output Capacitor Selection (COUT)
3. Output Capacitor SeIection (COUT)
A. In the majority of applications, low ESR electrolytic or solid A. See OUTPUT CAPACITORsection on COUT in Application
tantalum capacitors between 82
μF and 220 μF provide the best Information section.
results. This capacitor should be located close to the IC using short B. From the quick design table shown in Table 4, locate the output
capacitor leads and short copper traces. Do not use capacitors voltage column. From that column, locate the output voltage closest
larger than 220
μF. For additional information, see OUTPUT to the output voltage in your application. In this example, select the
CAPACITOR section in Application Information section.
24V line. Under the OUTPUT CAPACITORoutput capacitor, select a
B. To simplify the capacitor selection procedure, refer to the quick capacitor from the list of through hole electrolytic or surface mount
design table shown in Table 4. This table contains different output tantalum types from four different capacitor manufacturers. It is
voltages, and lists various output capacitors that will provide the best recommended that both the manufacturers and the manufacturers
design solutions.
series that are listed in the table be used.
C. The capacitor voltage rating should be at least 1.5 times greater In this example, through hole aluminum electrolytic capacitors from
than the output voltage, and often much higher voltage ratings are several different manufacturers are available.
needed to satisfy the low ESR requirements needed for low output
82
μF
50V
Panasonic HFQ Series
ripple voltage.
120
μF
50V
Nichicon PL Series
C. For a 20V output, a capacitor rating of at least 30V or more is
needed. In this example, either a 35V or 50V capacitor would work.
A 50V rating was chosen because it has a lower ESR which
provides a lower output ripple voltage.
Other manufacturers or other types of capacitors may also be used,
provided the capacitor specifications (especially the 100 kHz ESR)
closely match the types listed in the table. Refer to the capacitor
manufacturers data sheet for this information.
4. Feedforward Capacitor (CFF) (See Figure 20 )
4. Feedforward Capacitor (CFF)
For output voltages greater than approximately 10V, an additional The table shown in Table 4 contains feed forward capacitor values
capacitor is required. The compensation capacitor is typically for various output voltages. In this example, a 1 nF capacitor is
between 50 pF and 10 nF, and is wired in parallel with the output needed.
voltage setting resistor, R2. It provides additional stability for high
output voltages, low input-output voltages, and/or very low ESR
output capacitors, such as solid tantalum capacitors.
(6)
This capacitor type can be ceramic, plastic, silver mica, etc.
(Because of the unstable characteristics of ceramic capacitors made
with Z5U material, they are not recommended.)
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2594 LM2594HV


Similar Part No. - LM2594

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
ON Semiconductor
LM2594DADJG ONSEMI-LM2594DADJG Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
More results

Similar Description - LM2594

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com