Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM2594
Description  LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM2594 Datasheet HTML 25Page - Texas Instruments LM2594 Datasheet HTML 26Page - Texas Instruments LM2594 Datasheet HTML 27Page - Texas Instruments LM2594 Datasheet HTML 28Page - Texas Instruments LM2594 Datasheet HTML 29Page - Texas Instruments LM2594 Datasheet HTML 30Page - Texas Instruments LM2594 Datasheet HTML 31Page - Texas Instruments LM2594 Datasheet HTML 32Page - Texas Instruments LM2594 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LM2594, LM2594HV
www.ti.com
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
Additional diodes are required in this regulator configuration. Diode D1 is used to isolate input voltage ripple or
noise from coupling through the CIN capacitor to the output, under light or no load conditions. Also, this diode
isolation changes the topology to closley resemble a buck configuration thus providing good closed loop stability.
A Schottky diode is recommended for low input voltages, (because of its lower voltage drop) but for higher input
voltages, a fast recovery diode could be used.
Without diode D3, when the input voltage is first applied, the charging current of CIN can pull the output positive
by several volts for a short period of time. Adding D3 prevents the output from going positive by more than a
diode voltage.
Figure 38. Inverting Regulator Typical Load Current
Because of differences in the operation of the inverting regulator, the standard design procedure is not used to
select the inductor value. In the majority of designs, a 100
μH, 1A inductor is the best choice. Capacitor selection
can also be narrowed down to just a few values. Using the values shown in Figure 37 will provide good results in
the majority of inverting designs.
This type of inverting regulator can require relatively large amounts of input current when starting up, even with
light loads. Input currents as high as the LM2594 current limit (approx 0.8A) are needed for at least 2 ms or
more, until the output reaches its nominal output voltage. The actual time depends on the output voltage and the
size of the output capacitor. Input power sources that are current limited or sources that can not deliver these
currents without getting loaded down, may not work correctly. Because of the relatively high startup currents
required by the inverting topology, the delayed startup feature (C1, R1 and R2) shown in Figure 37 is
recommended. By delaying the regulator startup, the input capacitor is allowed to charge up to a higher voltage
before the switcher begins operating. A portion of the high input current needed for startup is now supplied by the
input capacitor (CIN). For severe start up conditions, the input capacitor can be made much larger than normal.
INVERTING REGULATOR SHUTDOWN METHODS
To use the ON /OFF pin in a standard buck configuration is simple, pull it below 1.3V (@25°C, referenced to
ground) to turn regulator ON, pull it above 1.3V to shut the regulator OFF. With the inverting configuration, some
level shifting is required, because the ground pin of the regulator is no longer at ground, but is now setting at the
negative output voltage level. Two different shutdown methods for inverting regulators are shown in Figure 39
and Figure 40.
Figure 39. Inverting Regulator Ground Referenced Shutdown
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM2594 LM2594HV


Similar Part No. - LM2594

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
ON Semiconductor
LM2594DADJG ONSEMI-LM2594DADJG Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
More results

Similar Description - LM2594

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com