Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM2594
Description  LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM2594 Datasheet HTML 19Page - Texas Instruments LM2594 Datasheet HTML 20Page - Texas Instruments LM2594 Datasheet HTML 21Page - Texas Instruments LM2594 Datasheet HTML 22Page - Texas Instruments LM2594 Datasheet HTML 23Page - Texas Instruments LM2594 Datasheet HTML 24Page - Texas Instruments LM2594 Datasheet HTML 25Page - Texas Instruments LM2594 Datasheet HTML 26Page - Texas Instruments LM2594 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
LM2594, LM2594HV
www.ti.com
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
Different inductor types and/or core materials produce different amounts of this characteristic ringing. Ferrite core
inductors have very little core loss and therefore produce the most ringing. The higher core loss of powdered iron
inductors produce less ringing. If desired, a series RC could be placed in parallel with the inductor to dampen the
ringing. The computer aided design software Switchers Made Simple (version 4.1) will provide all component
values for continuous and discontinuous modes of operation.
Figure 29. Post Ripple Filter Waveform
OUTPUT VOLTAGE RIPPLE AND TRANSIENTS
The output voltage of a switching power supply operating in the continuous mode will contain a sawtooth ripple
voltage at the switcher frequency, and may also contain short voltage spikes at the peaks of the sawtooth
waveform.
The output ripple voltage is a function of the inductor sawtooth ripple current and the ESR of the output
capacitor. A typical output ripple voltage can range from approximately 0.5% to 3% of the output voltage. To
obtain low ripple voltage, the ESR of the output capacitor must be low, however, caution must be exercised when
using extremely low ESR capacitors because they can affect the loop stability, resulting in oscillation problems. If
very low output ripple voltage is needed (less than 15 mV), a post ripple filter is recommended. (See Figure 20.)
The inductance required is typically between 1
μH and 5 μH, with low DC resistance, to maintain good load
regulation. A low ESR output filter capacitor is also required to assure good dynamic load response and ripple
reduction. The ESR of this capacitor may be as low as desired, because it is out of the regulator feedback loop.
The photo shown in Figure 29 shows a typical output ripple voltage, with and without a post ripple filter.
When observing output ripple with a scope, it is essential that a short, low inductance scope probe ground
connection be used. Most scope probe manufacturers provide a special probe terminator which is soldered onto
the regulator board, preferable at the output capacitor. This provides a very short scope ground thus eliminating
the problems associated with the 3 inch ground lead normally provided with the probe, and provides a much
cleaner and more accurate picture of the ripple voltage waveform.
The voltage spikes are caused by the fast switching action of the output switch and the diode, and the parasitic
inductance of the output filter capacitor, and its associated wiring. To minimize these voltage spikes, the output
capacitor should be designed for switching regulator applications, and the lead lengths must be kept very short.
Wiring inductance, stray capacitance, as well as the scope probe used to evaluate these transients, all contribute
to the amplitude of these spikes.
When a switching regulator is operating in the continuous mode, the inductor current waveform ranges from a
triangular to a sawtooth type of waveform (depending on the input voltage). For a given input and output voltage,
the peak-to-peak amplitude of this inductor current waveform remains constant. As the load current increases or
decreases, the entire sawtooth current waveform also rises and falls. The average value (or the center) of this
current waveform is equal to the DC load current.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM2594 LM2594HV


Similar Part No. - LM2594

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
ON Semiconductor
LM2594DADJG ONSEMI-LM2594DADJG Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
More results

Similar Description - LM2594

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com