Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM321MFX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM321MFX
Description  LM321 Low Power Single Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM321MFX Datasheet(HTML) 1 Page - Texas Instruments

  LM321MFX Datasheet HTML 1Page - Texas Instruments LM321MFX Datasheet HTML 2Page - Texas Instruments LM321MFX Datasheet HTML 3Page - Texas Instruments LM321MFX Datasheet HTML 4Page - Texas Instruments LM321MFX Datasheet HTML 5Page - Texas Instruments LM321MFX Datasheet HTML 6Page - Texas Instruments LM321MFX Datasheet HTML 7Page - Texas Instruments LM321MFX Datasheet HTML 8Page - Texas Instruments LM321MFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM321
www.ti.com
SNOS935B – FEBRUARY 2001 – REVISED MARCH 2013
LM321 Low Power Single Op Amp
Check for Samples: LM321
1
FEATURES
DESCRIPTION
The LM321 brings performance and economy to low
2
(VCC = 5V, TA = 25°C. Typical values unless
power systems. With a high unity gain frequency and
specified.)
a specified 0.4V/µs slew rate, the quiescent current is
Gain-Bandwidth Product 1MHz
only 430µA/amplifier (5V). The input common mode
Low Supply Current 430µA
range includes ground and therefore the device is
able to operate in single supply applications as well
Low Input Bias Current 45nA
as in dual supply applications. It is also capable of
Wide Supply Voltage Range +3V to +32V
comfortably driving large capacitive loads.
Stable With High Capacitive Loads
The LM321 is available in the SOT-23 package.
Single Version of LM324
Overall the LM321 is a low power, wide supply range
performance op amp that can be designed into a
APPLICATIONS
wide range of applications at an economical price
without sacrificing valuable board space.
Chargers
Power Supplies
Industrial: Controls, Instruments
Desktops
Communications Infrastructure
Connection Diagram
Application Circuit
SOT-23
DC Summing Amplifier
(VIN's ≥ 0 VDC and VO ≥ VDC)
Top View
Where: V0 = V1 + V2 - V3 - V4, (V1+V2) ≥
(V3 + V4) to keep VO > 0 VDC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM321MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MFX NSC-LM321MFX Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
TECH PUBLIC Electronics...
LM321MFX TECHPUBLIC-LM321MFX Datasheet
3Mb / 6P
   LOW POW ER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - LM321MFX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
   LOW POWER SINGLE OP AMP
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
   LOW POWER SINGLE OP AMP
REV1.0
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
   Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
   LOW POWER SINGLE OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
   Low Power Single OP-AMP
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
   Low Power Single Op Amp
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
   Low power single channel OP-Amp
Ver.01
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
   Low Noise Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com