Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM380 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM380
Description  LM380 2.5W Audio Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM380 Datasheet(HTML) 1 Page - Texas Instruments

  LM380 Datasheet HTML 1Page - Texas Instruments LM380 Datasheet HTML 2Page - Texas Instruments LM380 Datasheet HTML 3Page - Texas Instruments LM380 Datasheet HTML 4Page - Texas Instruments LM380 Datasheet HTML 5Page - Texas Instruments LM380 Datasheet HTML 6Page - Texas Instruments LM380 Datasheet HTML 7Page - Texas Instruments LM380 Datasheet HTML 8Page - Texas Instruments LM380 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM380
www.ti.com
SNAS546C – DECEMBER 1994 – REVISED APRIL 2013
LM380 2.5W Audio Power Amplifier
Check for Samples: LM380
1
FEATURES
DESCRIPTION
The LM380 is a power audio amplifier for consumer
Wide Supply Voltage Range: 10V-22V
applications. In order to hold system cost to a
Low Quiescent Power Drain: 0.13W (VS= 18V)
minimum, gain is internally fixed at 34 dB. A unique
Voltage Gain Fixed at 50
input stage allows ground referenced input signals.
The output automatically self-centers to one-half the
High Peak Current Capability: 1.3A
supply voltage.
Input Referenced to GND
The output is short circuit proof with internal thermal
High Input Impedance: 150k
limiting. The package outline is standard dual-in-line.
Low Distortion
The LM380N uses a copper lead frame. The center
Quiescent Output Voltage is at One-Half of the
three pins on either side comprise a heat sink. This
Supply Voltage
makes the device easy to use in standard PC layouts.
Standard Dual-In-Line Package
Uses
include
simple
phonograph
amplifiers,
intercoms, line drivers, teaching machine outputs,
alarms, ultrasonic drivers, TV sound systems, AM-FM
radio, small servo drivers, power converters, etc.
A selected part for more power on higher supply
voltages is available as the LM384. For more
information see SNAA086.
Connection Diagrams
(Dual-In-Line Packages, Top View)
Figure 1. 14-Pin PDIP
Figure 2. 8-Pin PDIP
See NFF0014A Package
See P Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM380

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM380 NSC-LM380 Datasheet
236Kb / 8P
   Audio Power Amplifier
LM380 NSC-LM380 Datasheet
271Kb / 9P
   2.5W Audio Power Amplifier
LM380N NSC-LM380N Datasheet
236Kb / 8P
   Audio Power Amplifier
LM380N-8 NSC-LM380N-8 Datasheet
236Kb / 8P
   Audio Power Amplifier
logo
Seoul Semiconductor
LM380Z SEOUL-LM380Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LM380

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM380 NSC-LM380_00 Datasheet
271Kb / 9P
   2.5W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
   D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com