Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-1DFB-B Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D4DL-1DFB-B
Description  Guard Lock Safety-door Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4DL-1DFB-B Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D4DL-1DFB-B Datasheet HTML 7Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 8Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 9Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 10Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 11Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 12Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 13Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 14Page - Omron Electronics LLC D4DL-1DFB-B Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
G-163
D4NL
Application Examples
G9SA-321-T
@ (24 VAC/VDC) + D4NL-@@@A-@, @@@B-@, @@@C-@
(Mechanical Lock Type) + D4D-
@520N Circuit Diagram
OPEN
S4
KM1
KM2
Lock release signal
S2
Operation
instruction
Motor controller
Off delay
timer
Control
circuit
Timing Chart
Motor rotation
OFF-delay time
S1:
Safety Limit Switch
with direct opening mechanism
(D4N)
S2:
Guard Lock Safety-door Switch
S3:
Reset switch
S4:
Lock release switch
KM1 and KM2: Magnetic Contactor
M:
3-phase motor
Limit switch S1
Reset switch
S3
K1 and K2
(NC)
K1 and K2
(NO)
K3 and K4
(NC)
K3 and K4
(NO)
KM1 and KM2
(NC)
KM1 and KM2
(NO)
Operation
instruction
Lock release
signal
Lock release
switch S4
Stop signal
Guard opens
Guard can be opened
Stop signal
11
12
41
42
Feedback loop
Guard Lock
Safety-door
Switch S2
TH
SA
F502-EN2-04.book Seite 163 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - D4DL-1DFB-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL-1DFB-B ETC-D4DL-1DFB-B Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
More results

Similar Description - D4DL-1DFB-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com