Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H27U4G8F2D Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # H27U4G8F2D
Description  4 Gbit (512M x 8 bit) NAND Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H27U4G8F2D Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button H27U4G8F2D Datasheet HTML 8Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 9Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 10Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 11Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 12Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 13Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 14Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 15Page - Hynix Semiconductor H27U4G8F2D Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev 1.4 / OCT. 2010
12
1
H27(U_S)4G8_6F2D
4 Gbit (512M x 8 bit) NAND Flash
NOTE:
1. Commands listed in BOLD are referring to ONFI 1.0 Specification.
2. Only during cache ready busy.
3.Command maintained for backward compatibility
Table7: Mode Selection
NOTES:
1. As 4Gbit SLC F41 is CE# don't care device, CE# high during latency time does not stop the read operation.
CLE
ALE
CE#
WE#
RE#
WP#
MODE
HL
L
Rising
H
X
Read
Mode
Command Input
L
H
L
Rising
H
X
Address Input
HL
L
Rising
H
H
Write
Mode
Command Input
L
H
L
Rising
H
H
Address Input
LLL
Rising
H
H
Data Input
LL
L(1)
H
Falling
X
Data Output (on going)
XX
L(1)
HH
X
Data Output (suspended)(2)
LLL
H
H
X
Busy time in Read
XXX
X
X
H
Busy time in Program
XXX
X
X
H
Busy time in Erase
XXX
X
X
L
Write Protect
XX
H
X
X
0 V / VCC
Stand By
*ba53f20d-240c*
B34416/177.179.157.84/2010-10-08 10:08


Similar Part No. - H27U4G8F2D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H27U4G8F2D HYNIX-H27U4G8F2D Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Similar Description - H27U4G8F2D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D4G81KA ESMT-F59D4G81KA Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59L4G81XB ESMT-F59L4G81XB Datasheet
2Mb / 87P
   4 Gbit (512M x 8) 3.3V NAND Flash Memory
F59D4G81XB ESMT-F59D4G81XB Datasheet
2Mb / 88P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S3ETA00 TOSHIBA-TC58NVG2S3ETA00 Datasheet
499Kb / 70P
   4 GBIT (512M x 8 BIT) CMOS NAND E2PROM
TC58NVG2S0FBAI4 TOSHIBA-TC58NVG2S0FBAI4 Datasheet
679Kb / 71P
   4 GBIT (512M X 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NYG2S0FBAI4 TOSHIBA-TC58NYG2S0FBAI4 Datasheet
1Mb / 71P
   4 GBIT (512M X 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58BVG2S0HBAI6 TOSHIBA-TC58BVG2S0HBAI6 Datasheet
2Mb / 53P
   4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2018-06-01C
TC58NVG2S0FTAI0 TOSHIBA-TC58NVG2S0FTAI0 Datasheet
527Kb / 71P
   4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2012-09-01
TC58NYG2S3ETA00 TOSHIBA-TC58NYG2S3ETA00 Datasheet
504Kb / 70P
   4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2010-07-13C
logo
Samsung semiconductor
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com