Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DL-2CFA-B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4DL-2CFA-B
Description  Guard Lock Safety-door Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4DL-2CFA-B Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4DL-2CFA-B Datasheet HTML 1Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 2Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 3Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 4Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 5Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 6Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 7Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 8Page - Omron Electronics LLC D4DL-2CFA-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
G-153
D4NL
Guard Lock Safety-door Switch
D4NL
Lead-free,
Environment-friendly Design
• Contains no harmful substances, such as lead or cad-
mium, reducing the burden on the environment.
• Models with 4-contact and 5-contact built-in switches
are available.
• Key holding force of 1,300 N min.
• Can be used for either standard loads or microloads.
• Lineup includes models with a conduit size of M20.
• IP67 degree of protection.
• Operation key compatible to D4DS, D4NS and D4GL.
Model Number Structure
Model Number Legend
Switch
1. Conduit Size
1:
Pg13.5
2:
G1/2
4:
M20
2. Built-in Switch (with Door Open/Closed Detection Switch and
Lock Monitor Switch Contacts)
A:
1NC/1NO slow-action contacts plus 1NC/1NO slow-action
contacts
B:
1NC/1NO slow-action contacts plus 2NC slow-action con-
tacts
C:
2NC slow-action contacts plus 1NC/1NO slow-action con-
tacts
D:
2NC slow-action contacts plus 2NC slow-action contacts
E:
2NC/1NO slow-action contacts plus 1NC/1NO slow-action
contacts
F:
2NC/1NO slow-action contacts plus 2NC slow-action con-
tacts
G:
3NC slow-action contacts plus 1NC/1NO slow-action con-
tacts
H:
3NC slow-action contacts plus 2NC slow-action contacts
3. Head Mounting Direction and Material
F:
Four mounting directions possible (Front-side mounting at
time of delivery)/plastic
D:
Four mounting directions possible (Front-side mounting at
time of delivery)/metal
4. Door Lock and Release
A:
Mechanical lock/24-VDC solenoid release
B:
Mechanical lock/110-VAC solenoid release
C:
Mechanical lock/230-VAC solenoid release
G:
24-VDC solenoid lock/mechanical release
H:
110-VAC solenoid lock/mechanical release
J:
230-VAC solenoid lock/mechanical release
5. Indicator
B:
10 to 115 VAC/VDC (orange LED indicator)
E:
100 - 230V VAC (orange neon lamp indicator)
6. Release Key Type
Blank:Standard
4:
Special release key
7. Release Key Position
Blank:Bottom
S:
Front
Operation Key
\
1. Operation Key Type
1:
Horizontal mounting
2:
Vertical mounting
3:
Adjustable mounting (horizontal)
5:
Adjustable mounting (horizontal/vertical)
12 3 4
5 6 7
D4NL-
@@@@-@@@
1
D4DS-K
@
F502-EN2-04.book Seite 153 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - D4DL-2CFA-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL-2CFA-B ETC-D4DL-2CFA-B Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
More results

Similar Description - D4DL-2CFA-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com