Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELLATV101M Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ELLATV101M
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ELLATV101M Datasheet(HTML) 1 Page - Panasonic Battery Group

  ELLATV101M Datasheet HTML 1Page - Panasonic Battery Group ELLATV101M Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
E
1
L
2
L
3
A
4
T
5
V
6
2
7
2
89
M
10
11
0
Product Code
Design No.
Inductance
Structure
Outer size
Choke Coil (Magnetically shielded )
Series
V
ELL
Height
T
4.5 max.
101
100
µH
M
±20 %
N
±30 %
4R7
4.7
µH
Tolerance
2.0
±0.5
(1.4)
10.0
±0.5
Marking
Date code
4.2
±0.3
33 0
3.
0
SMD Choke Coils
Series:
V
Type:
ELLATV
Type ELLATV
Explanation of Part Numbers
Recommended Applications
DC-DC converter circuitry for computer peripherals
and cellular phones.
Chopper circuit decoupling chokes for DC-DC
converter circuitry
Features
Magnetically shielded structure
Low DC resistance and large current capability
Available on tape and reel for automatic insertion
Standard Packing Quantity
500 pcs./Reel
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
Singapore
Indonesia
Jun. 2006


Similar Part No. - ELLATV101M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELLATV101M PANASONIC-ELLATV101M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type Magnetic shielded structure
ELLATV101M PANASONIC-ELLATV101M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELLATV101M PANASONIC-ELLATV101M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
More results

Similar Description - ELLATV101M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com