Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78L15ACMX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM78L15ACMX
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L15ACMX Datasheet(HTML) 4 Page - Texas Instruments

  LM78L15ACMX Datasheet HTML 1Page - Texas Instruments LM78L15ACMX Datasheet HTML 2Page - Texas Instruments LM78L15ACMX Datasheet HTML 3Page - Texas Instruments LM78L15ACMX Datasheet HTML 4Page - Texas Instruments LM78L15ACMX Datasheet HTML 5Page - Texas Instruments LM78L15ACMX Datasheet HTML 6Page - Texas Instruments LM78L15ACMX Datasheet HTML 7Page - Texas Instruments LM78L15ACMX Datasheet HTML 8Page - Texas Instruments LM78L15ACMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
LM78LXX Electrical Characteristics LM78L82AC
Unless otherwise specified, VIN = 14V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
7.87
8.2
8.53
11V
≤ VIN ≤ 23V
1mA
≤ IO ≤ 40mA
7.8
8.6
V
(1)
1mA
≤ IO ≤ 70mA
7.8
8.6
(1)
ΔVO
Line Regulation
11V
≤ VIN ≤ 23V
80
175
12V
≤ VIN ≤ 23V
70
125
mV
ΔVO
Load Regulation
1mA
≤ IO ≤ 100mA
15
80
1mA
≤ IO ≤ 40mA
8
40
IQ
Quiescent Current
2
5.5
ΔIQ
Quiescent Current Change
12V
≤ VIN ≤ 23V
1.5
mA
1mA
≤ IO ≤ 40mA
0.1
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz
60
μV
(2)
ΔVIN/ΔVOUT
Ripple Rejection
f = 120 Hz
39
45
dB
12V
≤ VIN ≤ 22V
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage Tempco
IO = 5mA
−0.8
mV/°C
VIN (Min)
Minimum Value of Input Voltage
9.9
V
Required to Maintain Line Regulation
(1)
Power dissipation
≤ 0.75W.
(2)
Recommended minimum load capacitance of 0.01
μF to limit high frequency noise.
LM78LXX Electrical Characteristics LM78L09AC / LM78L09I
Unless otherwise specified, VIN = 15V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
8.64
9.0
9.36
11.5V
≤ VIN ≤ 24V
1mA
≤ IO ≤ 40mA
8.55
9.45
V
(1)
1mA
≤ IO ≤ 70mA
8.55
9.45
(1)
ΔVO
Line Regulation
11.5V
≤ VIN ≤ 24V
100
200
13V
≤ VIN ≤ 24V
90
150
mV
ΔVO
Load Regulation
1mA
≤ IO ≤ 100mA
20
90
1mA
≤ IO ≤ 40mA
10
45
IQ
Quiescent Current
2
5.5
ΔIQ
Quiescent Current Change
11.5V
≤ VIN ≤ 24V
1.5
mA
1mA
≤ IO ≤ 40mA
0.1
Vn
Output Noise Voltage
70
μV
Ripple Rejection
f = 120 Hz
ΔVIN/ΔVOUT
38
44
dB
15V
≤ VIN ≤ 25V
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage Tempco
IO = 5mA
−0.9
mV/°C
VIN (Min)
Minimum Value of Input Voltage
10.7
V
Required to Maintain Line Regulation
(1)
Power dissipation
≤ 0.75W.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Similar Part No. - LM78L15ACMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L15ACMX NSC-LM78L15ACMX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM78L15ACMX TI1-LM78L15ACMX Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L15ACMX TI1-LM78L15ACMX Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
LM78L15ACMX/NOPB TI1-LM78L15ACMX/NOPB Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L15ACMXNOPB TI1-LM78L15ACMXNOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
More results

Similar Description - LM78L15ACMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L62ACZ TI1-LM78L62ACZ Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com