Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75BIMM-5 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM75BIMM-5
Description  LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM75BIMM-5 Datasheet(HTML) 5 Page - Texas Instruments

  LM75BIMM-5 Datasheet HTML 1Page - Texas Instruments LM75BIMM-5 Datasheet HTML 2Page - Texas Instruments LM75BIMM-5 Datasheet HTML 3Page - Texas Instruments LM75BIMM-5 Datasheet HTML 4Page - Texas Instruments LM75BIMM-5 Datasheet HTML 5Page - Texas Instruments LM75BIMM-5 Datasheet HTML 6Page - Texas Instruments LM75BIMM-5 Datasheet HTML 7Page - Texas Instruments LM75BIMM-5 Datasheet HTML 8Page - Texas Instruments LM75BIMM-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM75B, LM75C
www.ti.com
SNIS153B – JULY 2009 – REVISED MARCH 2013
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for +VS = +5 Vdc for LM75BIM-5, LM75BIMM-5, LM75CIM-5, and
LM75CIMM-5; and +VS = +3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and LM75CIMM-3
(1). Boldface limits apply
for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
Units (Limit)
+VS × 0.7
V (min)
VIN(1)
Logical “1” Input Voltage
+VS + 0.3
V (max)
−0.3
V (min)
VIN(0)
Logical “0” Input Voltage
+VS × 0.3
V (max)
IIN(1)
Logical “1” Input Current
VIN = +VS
0.005
1.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−1.0
μA (max)
CIN
All Digital Inputs
5
pF
LM75B
VOH = 5V
10
μA (max)
IOH
High Level Output Current
LM75C
VOH = 5V
100
μA (max)
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
tOF
Output Fall Time
CL = 400 pF IO = 3 mA
250
ns (max)
(1)
All part numbers of the LM75 will operate properly over the +VS supply voltage range of 3V to 5.5V. The devices are tested and
specified for rated accuracy at their nominal supply voltage. Accuracy will typically degrade 1°C/V of variation in +VS as it varies from
the nominal value.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are specified to AOQL (Average Outgoing Quality Level).
Logic Electrical Characteristics
I
2C Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VS = +5 Vdc for LM75BIM-5, LM75BIMM-5, LM75CIM-5, and
LM75CIMM-5; and +VS = +3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and LM75CIMM-3CL (load capacitance) on
output lines = 80 pF unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ =
+25°C, unless otherwise noted.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)(3)
(Limit)
t1
SCL (Clock) Period
2.5
μs (min)
t2
Data in Set-Up Time to SCL High
100
ns (min)
t3
Data Out Stable after SCL Low
0
ns (min)
t4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns (min)
t5
SDA High Hold Time after SCL High (Stop Condition)
100
ns (min)
75
ms (min)
LM75B
325
ms (max)
tTIMEOUT
SDA Time Low for Reset of Serial Interface(4)
LM75C
Not Applicable
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
(4)
Holding the SDA line low for a time greater than tTIMEOUT will cause the LM75B to reset SDA to the IDLE state of the serial bus
communication (SDA set High).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM75B LM75C


Similar Part No. - LM75BIMM-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75BIMM-5 NSC-LM75BIMM-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIMM-5 NSC-LM75BIMM-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIMM-5 TI-LM75BIMM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIMM-5 TI-LM75BIMM-5 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIMM-5++ MAXIM-LM75BIMM-5+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

Similar Description - LM75BIMM-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75CIM-5 TI-LM75CIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com