Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM86CIM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM86CIM
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM86CIM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM86CIM Datasheet HTML 4Page - Texas Instruments LM86CIM Datasheet HTML 5Page - Texas Instruments LM86CIM Datasheet HTML 6Page - Texas Instruments LM86CIM Datasheet HTML 7Page - Texas Instruments LM86CIM Datasheet HTML 8Page - Texas Instruments LM86CIM Datasheet HTML 9Page - Texas Instruments LM86CIM Datasheet HTML 10Page - Texas Instruments LM86CIM Datasheet HTML 11Page - Texas Instruments LM86CIM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
0.01
0.1
1.0
10
100
CONVERSION RATE (Hz)
400
600
800
1000
1200
140
0
1600
1800
2000
LM86
SNIS114E – DECEMBER 2001 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The LM86 temperature sensor incorporates a delta VBE based temperature sensor using a Local or Remote
diode and a 10-bit plus sign ADC (Delta-Sigma Analog-to-Digital Converter). The LM86 is compatible with the
serial SMBus version 2.0 two-wire interface. Digital comparators compare the measured Local Temperature (LT)
to the Local High (LHS), Local Low (LLS) and Local T_CRIT (LCS) user-programmable temperature limit
registers. The measured Remote Temperature (RT) is digitally compared to the Remote High (RHS), Remote
Low (RLS) and Remote T_CRIT (RCS) user-programmable temperature limit registers. Activation of the ALERT
output indicates that a comparison is greater than the limit preset in a T_CRIT or HIGH limit register or less than
the limit preset in a LOW limit register. The T_CRIT_A output responds as a true comparator with built in
hysteresis. The hysteresis is set by the value placed in the Hysteresis register (TH). Activation of T_CRIT_A
occurs when the temperature is above the T_CRIT setpoint. T_CRIT_A remains activated until the temperature
goes below the setpoint calculated by T_CRIT
− TH. The hysteresis register impacts both the remote
temperature and local temperature readings.
The LM86 may be placed in a low power consumption (Shutdown) mode by setting the RUN/STOP bit found in
the Configuration register. In the Shutdown mode, the LM86's SMBus interface remains while all circuitry not
required is turned off.
The Local temperature reading and setpoint data registers are 8-bits wide. The format of the 11-bit remote
temperature data is a 16-bit left justified word. Two 8-bit registers, high and low bytes, are provided for each
setpoint as well as the temperature reading. Two offset registers (RTOLB and RTOHB) can be used to
compensate for nonideality error. The remote temperature reading reported is adjusted by subtracting from or
adding to the actual temperature reading the value placed in the offset registers.
CONVERSION SEQUENCE
The LM86 takes approximately 31.25 ms to convert the Local Temperature (LT), Remote Temperature (RT), and
to update all of its registers. Only during the conversion process the busy bit (D7) in the Status register (02h) is
high. These conversions are addressed in a round robin sequence. The conversion rate may be modified by the
Conversion Rate Register (04h). When the conversion rate is modified a delay is inserted between conversions,
the actual conversion time remains at 31.25ms. Different conversion rates will cause the LM86 to draw different
amounts of supply current as shown in Figure 3.
Figure 3. Conversion Rate Effect on Power Supply Current
THE ALERT OUTPUT
The LM86's ALERT pin is an active-low open-drain output that is triggered by a temperature conversion that is
outside the limits defined by the temperature setpoint registers. Reset of the ALERT output is dependent upon
the selected method of use. The LM86's ALERT pin is versatile and will accommodate three different methods of
use to best serve the system designer: as a temperature comparator, as a temperature based interrupt flag, and
as part of an SMBus ALERT system. The three methods of use are further described below. The ALERT and
interrupt methods are different only in how the user interacts with the LM86.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM86


Similar Part No. - LM86CIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86CIM NSC-LM86CIM Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86CIMM NSC-LM86CIMM Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86CIMMX NSC-LM86CIMMX Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86CIMX NSC-LM86CIMX Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results

Similar Description - LM86CIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI-LM86_15 Datasheet
1Mb / 34P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
National Semiconductor ...
LM89 NSC-LM89 Datasheet
745Kb / 20P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM90 NSC-LM90 Datasheet
384Kb / 20P
   3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
   짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com