Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75BIMM-3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM75BIMM-3
Description  LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM75BIMM-3 Datasheet(HTML) 3 Page - Texas Instruments

  LM75BIMM-3 Datasheet HTML 1Page - Texas Instruments LM75BIMM-3 Datasheet HTML 2Page - Texas Instruments LM75BIMM-3 Datasheet HTML 3Page - Texas Instruments LM75BIMM-3 Datasheet HTML 4Page - Texas Instruments LM75BIMM-3 Datasheet HTML 5Page - Texas Instruments LM75BIMM-3 Datasheet HTML 6Page - Texas Instruments LM75BIMM-3 Datasheet HTML 7Page - Texas Instruments LM75BIMM-3 Datasheet HTML 8Page - Texas Instruments LM75BIMM-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
+VS
A0
A1
A2
SCL
SDA
O.S.
GND
8
7
6
5
3
1
2
4
LM75
Address
(Set as desired)
To Processor
Interrupt Line
Interface
100 nF (typ) unless mounted
close to processor
O.S. set to active low
IRU ZLUH 25¶G PXOWLSOH
interrupt line
LM75B, LM75C
www.ti.com
SNIS153B – JULY 2009 – REVISED MARCH 2013
Typical Application
Figure 2. Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage Pin (+VS)
−0.3V to 6.5V
Voltage at A0, A1and A2 Pins
−0.3V to (+VS + 0.3V) and must be ≤ 6.5V
Voltage at OS, SCL and SDA Pins
−0.3V to 6.5V
Input Current at any Pin(2)
5 mA
Package Input Current(2)
20 mA
Storage Temperature
−65°C to +150°C
LM75B
2500V
Human Body Model
LM75C
1500V
ESD Susceptibility(3)
LM75B
250V
Machine Model
LM75C
100V
O.S. Output Sink Current
10 mA
O.S. Output Voltage
6.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
Operating Ratings
(1) (2)
Specified Temperature Range
TMIN to TMAX
See(3)
−55°C to +125°C
Supply Voltage Range (+VS) LM75B, LM75C
+3.0V to +5.5V
(1)
Soldering process must comply with Texas Instruments Incorporated Reflow Temperature Profile specifications. Refer to
(2)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
(3)
LM75
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil similar to the one shown in
Figure 5 is summarized in the table below:
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM75B LM75C


Similar Part No. - LM75BIMM-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75BIMM-3 NSC-LM75BIMM-3 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIMM-3 NSC-LM75BIMM-3 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIMM-3 TI-LM75BIMM-3 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIMM-3 TI-LM75BIMM-3 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIMM-3++ MAXIM-LM75BIMM-3+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

Similar Description - LM75BIMM-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75CIM-5 TI-LM75CIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com