Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE005L6UL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE005L6UL
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
DZ5 Cable Ends
Product Description
3
09/98
© 1998 Square D All Rights Reserved
Introduction
Insulated cable ends contain a tinned copper ferrule fitted with an insulated sleeve. The copper ferrule
holds the core strands of stranded wire and facilitates terminal connections. The insulated plastic sleeve
provides protection between adjacent connections. Also, the insulated sleeve on some cable end types
incorporates an attachment for cable markers.
General Characteristics
• Copper ferrule, tin plated to ISO 1337
• Halogen-free plastic insulated sleeve
• Temperature limits: -20 to 105
°C (-4 to 221 °F)
• CE Marked
• Conforms to NFC 63-023 or DIN 46228
• Some cable ends are UL Component Recognized (File E164872) provided the AT1PA crimping tool
is used to crimp the cable end
Product Description
4 Types
• Single conductor cable ends with insulated sleeve
• Twin conductor cable ends with insulated sleeve
• Single conductor cable ends with insulated sleve and
marker tag
• Single conductor cable ends with insulated sleeve and
clip-in marker tag holder
3 Lengths
• Short: 11 mm, for mini connectors such as those used
with printed circuits
• Medium: 13 mm, for connector or screw clamp industrial
applications
• Long: 16.8 mm, for plug-in terminal applications
3 Packaging Choices
• Dispensing pack: sizes
≥ 2.5 mm2
• Strip of 10 tear-off bags: sizes
≤ 4 mm2
• Individual bags: sizes
≥ 6 mm2
2 Choices for Conformity to Standards
• Products conforming to standard NF C 63-023
• Products conforming to standard DIN 46228




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl