Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE003L6 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE003L6
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 8 page
background image
DZ5 Cable Ends
Ordering Information
9
09/98
© 1998 Square D All Rights Reserved
Cabling Accessories
Description
Application
Catalog Number
Weight per lot
in kg (lb)
Ratchet type crimping tool
for cable ends
For 0.25 to 6 mm2 cables
AT2PA5
0.520 (1.147)
For 10 to 35 mm2 cables
AT2PA6
0.520 (1.147)
Description
Cutting Diameter for Copper/
Aluminum Wires in mm
Catalog Number
Weight per lot
in kg (lb)
Cutting pliers
3.5
AT2PB1
0.200 (0.441)
Description
Shank
Length
in mm
Blade Dimensions
in mm
Catalog Number
Weight
in kg (lb)
Insulated screwdriver for
slotted head screws
100
0.5 x 3.5
AB1TV3
0.030 (0.066)
150
0.8 x 5.5
AB1TV2
0.080 (0.176)
150
1 x 6.5
AB1TV1
0.105 (0.232)
Screwdriver for
slotted head screws
75
0.6 x 3.5
AT2PT1
0.040 (0.088)
100
0.8 x 4
AT2PT2
0.045 (0.099)
100
1 x 5.5
AT2PT3
0.080 (0.176)
150
1.2 x 6.5
AT2PT4
0.140 (0.309)
AT2PA5
AT2PB1
AB1TV•
AT2PT•




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl