Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE002 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE002
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 9 page
background image
DZ5 Cable Ends
Ordering Information
© 1998 Square D All Rights Reserved
10
09/98
Accesories for Markers
Description
Application
Catalog Number
Weight per lot
in kg (lb)
Marker holder
Contains 10 empty
compartments, each capable
of holding 100 AR1-MA01
or AR1-MB01 markers
AT1PS1
0.300 (0.662)
Tool for quick positioning
of AR1-M•01 markers
On cable end tags
AT1PA1
0.010 (0.022)
Cabling Accessories
Description
Application
Catalog Number
Weight per lot
in kg (lb)
Automatic wire stripping tool
Strips 0.08 to 4 mm2 cable,
cuts 0.08 to 6 mm2 conductors.
Adjustable stripping and cutting
length.
AT1PA7
0.165 (0.364)
Automatic wire cutting-stripping tool
Cuts and strips in a single
operation; automatically adapts
to 0.4 to 4 mm2 conductors
without adjustment or selection.
AT2PE1
0.340 (0.750)
Storage case a
Contains 13 compartments for
cable ends and 1 compartment
for AT1PA7 automatic wire striping
tool.
AT1HB2
0.480 (1.058)
Cable end crimping tools
For 0.5 to 16 mm2 cables
AT1PA2
0.210 (0.463)
For 10 to 35 mm2 cables
AT1PA4
0.210 (0.463)
a
Storage case supplied empty. Order cables ends and stripping tool separately.
AT1PS1
AT1PA1
AT1PA7
AT2PE1
AT1HB2
AT1PA2




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl