Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE002L6 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE002L6
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
DZ5 Cable Ends
Ordering Information
© 1998 Square D All Rights Reserved
6
09/98
c
Packaged in individual bags or bag strips
a
American Wire Guage
q
UL Component Recognized (File E164872) provided the AT1PA2 or AT1PA4 crimping tool is used to crimp the cable end.
Single Conductor Cable Ends With Marker Tag (NF C 63-023) c
Conductor
c.s.a. (mm2)
AWG
a
Color
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
0.25
26
Yellow
2.2
1.2
13
1000 (10x100) DZ5-CA002
0.140 (0.309)
0.34
24
Green
2.2
1.2
13
1000 (10x100) DZ5-CA003
0.140 (0.309)
0.5
22
White
3
1.4
13
1000 (10x100) DZ5-CA005UL q
0.160 (0.352)
0.75
20
Blue
3.1
1.6
13
1000 (10x100) DZ5-CA007UL q
0.160 (0.352)
1
18
Red
3.4
1.8
13.5
1000 (10x100) DZ5-CA010UL q
0.160 (0.352)
1.5
16
Black
4
2.1
13.5
1000 (10x100) DZ5-CA015UL q
0.180 (0.397)
2.5
14
Grey
4.6
2.7
14.5
1000 (10x100) DZ5-CA025UL q
0.250 (0.551)
Single Conductor Cable Ends With Clip-In Marker Tag Holder (NF C 63-023) c
Conductor
c.s.a. (mm2)
AWG
a
Color
Type
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
c1
4
12
Orange Medium
5.5
3.3
19.5
11.5
1000 (10x100) DZ5-CA042UL q
0.300 (0.662)
Long
5.5
3.3
25.5
17.5
1000 (10x100) DZ5-CA043UL q
0.460 (1.014)
6
10
Green
Medium
7
3.95
20
11.5
100
DZ5-CA062
0.045 (0.099)
Long
7
3.95
26
17.5
100
DZ5-CA063
0.065 (0.143)
10
8
Brown
Medium
8.4
4.95
21.5
12
100
DZ5-CA102
0.057 (0.126)
Long
8.4
4.95
27
17.5
100
DZ5-CA103
0.085 (0.187)
16
6
White
Medium
8.8
6.35
23.5
12
100
DZ5-CA162
0.078 (0.172)
Long
8.8
6.35
29
17.5
100
DZ5-CA163
0.100 (0.221)
25
4
Black
Medium
12
8.15
30
17.5
100
DZ5-CA253
0.156 (0.344)
35
2
Red
Medium
13.5
9
30
16
20
DZ5-CA352
0.054 (0.119)
Long
13.5
9
39
25
20
DZ5-CA353
0.060 (0.132)
50
0
Blue
Medium
15.7
11
36
20
20
DZ5-CA502
0.060 (0.132)
Long
15.7
11
41
25
20
DZ5-CA503
0.074 (0.163)
Single Conductor Cable Ends With Clip-In Marker Tag Holder (DIN 46 228) c
Conductor
c.s.a. (mm2)
AWG
a
Color
Type
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
c1
10
8
Red
Medium
8.4
4.95
21.5
12
100
DZ5-CA102D
0.060 (0.132)
Long
8.4
4.95
27
17.5
100
DZ5-CA103D
0.090 (0.198)
16
6
Blue
Medium
9.8
6.35
23.5
12
100
DZ5-CA162D
0.080 (0.176)
Long
9.8
6.35
29
17.5
100
DZ5-CA163D
0.100 (0.221)
25
4
Yellow
12
8.15
30
17.5
100
DZ5-CA253D
0.156 (0.344)
35
2
Red
Medium
13.5
9
30
16
20
DZ5-CA352D
0.054 (0.119)
Long
13.5
9
39
25
20
DZ5-CA353D
0.060 (0.132)
50
0
Blue
Medium
15.7
11
36
20
20
DZ5-CA502D
0.060 (0.132)
Long
15.7
11
41
25
20
DZ5-CA503D
0.072 (0.159)
DZ5-CA0••
8
17
c
Medium Type
Long Type
DZ5-CA•••
c
c1
4,5
Ø b
c
c1
22
Cable end with clip-in
marker tag holder




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl